Electronic Components Datasheet Search
  English  ▼

X  

SIM-22ST Datasheet(PDF) 1 Page - Rohm

Part # SIM-22ST
Description  Infrared light emitting diode, side-view type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-22ST Datasheet(HTML) 1 Page - Rohm

  SIM-22ST Datasheet HTML 1Page - Rohm SIM-22ST Datasheet HTML 2Page - Rohm SIM-22ST Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Infrared light emitting diode, side-view type
SIM-22ST
The SIM-22ST is a GaAs infrared light emitting diode housed in side emission. High output with
1.5 lens.
Applications
Dimensions (Unit : mm)
Light source for sensors
Features
1) Compact package (4.7x4.6 mm) with lens.
2) High efficiency, high output.
3) Emission spectrum well suited to silicon detectors
(
P = 950 nm).
4) Good current-optical output linearity.
5) Long life, high reliability.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
PD
IF
IFP∗
VR
Topr
Tstg
Limits
−25 to +85
−30 to +100
50
5
80
0.5
Unit
mA
V
mW
A
°C
°C
∗ Pulse width = 0.1ms, duty ratio 1%
Forward current
Reverse voltage
Power dissipation
Pulse forward current
Operating temperature
Storage temperature
Electrical and optical characteristics (Ta=25
C)
Parameter
Symbol
VF
IR
λP
Δλ
θ1/2
tr
tf
Min.
−
0.48
−
−
−
−
−
−
Typ.
0.8
1.3
1.3
−
950
40
±30
1.0
Max.
−
1.94
1.6
10
−
−
−
−
Unit
mW/sr
IF=10mA
IF
=10mA∗
IF
=50mA
VR
=5V
IF
=10mA
IF
=20mA
IF
=50mA
IF
=50mA
mA
V
μA
nm
nm
deg
μs
fc
−
1.0
−
IF
=50mA
MHz
Conditions
Emitting strength
Emitting strength
Forward voltage
Reverse current
Peak light emitting wavelength
Spectral line half width
Half-viewing angle
Response time
Cut-off frequency
IE
IE
∗ According to our measurement procedures.
4.1
4.6
± 0.1
(2.54)
0.64
R0.75
R0.5
R0.5
2
−0.45
0.40
2
−0.65
2-C0.7
1 Cathode
2 Anode
1
2
0.15
Notes:
1. Tolerances are
± 0.2 unless
otherwise indicated.
2. Value in parenthese is size
at base of leads.


Similar Part No. - SIM-22ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
More results

Similar Description - SIM-22ST

ManufacturerPart #DatasheetDescription
logo
Rohm
SIM-20ST ROHM-SIM-20ST Datasheet
54Kb / 3P
Infrared light emitting diode, side-view type
SIM-22ST ROHM-SIM-22ST Datasheet
56Kb / 3P
Infrared light emitting diode, side-view type
SIR-320ST3F ROHM-SIR-320ST3F Datasheet
68Kb / 3P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F Datasheet
63Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
SIR-563ST3F ROHM-SIR-563ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-56ST3F ROHM-SIR-56ST3F Datasheet
53Kb / 3P
Infrared light emitting diode, top view type
SIR-568ST3F ROHM-SIR-568ST3F_1 Datasheet
70Kb / 4P
Infrared light emitting diode, top view type
SIR-341ST3F ROHM-SIR-341ST3F_10 Datasheet
140Kb / 3P
Infrared light emitting diode, top view type
SIR-505STA47 ROHM-SIR-505STA47_07 Datasheet
60Kb / 3P
Infrared light emitting diode, top view type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com