Electronic Components Datasheet Search
  English  ▼

X  

LH543621 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH543621
Description  512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543621 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH543621 Datasheet HTML 17Page - Sharp Corporation LH543621 Datasheet HTML 18Page - Sharp Corporation LH543621 Datasheet HTML 19Page - Sharp Corporation LH543621 Datasheet HTML 20Page - Sharp Corporation LH543621 Datasheet HTML 21Page - Sharp Corporation LH543621 Datasheet HTML 22Page - Sharp Corporation LH543621 Datasheet HTML 23Page - Sharp Corporation LH543621 Datasheet HTML 24Page - Sharp Corporation LH543621 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
PORT
COMMAND
REGISTER
BITS
CODE
VALUE
AFTER
RESET
FLAG
AFFECTED,
IF ANY
DESCRIPTION
NOTES
A, B
00
L
H
PFA, PFB
EVEN parity in effect.
A correct 9-bit byte has an even
number of ones.
H
ODD parity in effect.
A correct 9-bit byte has an odd number
of ones.
A
01
L
L–
Disable Port A parity generation.
No overwriting of parity bits.
H
Enable Port A parity generation.
Parity bit over eight least-significant bits
of each byte is overwritten into the
most-significant bit of that byte.
02
L
L
PFA
Port A parity-error flag operates
’flowthrough.’
PFA is subject to transient glitches
while data bus is changing.
H
Port A parity-error flag is latched
by CKA.
PFA is subject to transient glitches
while data bus is changing.
03
L
L
EF2
Set by
↑ CKA, reset by ↑ CKB.
Asynchronous flag clocking.
H
Set and reset by
↑ CKA.
Synchronous flag clocking.
04
L
L
AE2
Set by
↑ CKA, reset by ↑ CKB.
Asynchronous flag clocking.
H
Set and reset by
↑ CKB.
Synchronous flag clocking.
05, 06
LL
LL
HF1
Set by
↑ CKA, reset by ↑ CKB.
Asynchronous flag clocking.
LH
Set and reset by
↑ CKB.
Synchronous flag clocking by
Port B clock.
HL, HH
Set and reset by
↑ CKA.
Synchronous flag clocking by
Port A clock.
07
L
L
AF1
Set by
↑ CKA, reset by ↑ CKB.
Asynchronous flag clocking.
H
Set and reset by
↑ CKA.
Synchronous flag clocking.
08
L
L
FF1
Set by
↑ CKA, reset by ↑ CKB.
Asynchronous flag clocking.
H
Set and reset by
↑ CKA.
Synchronous flag clocking.
B
09
L
L
PFB
Parity check computed over all
four bytes of each word.
Full-word parity-error indication
regardless of WS1 – WS0 setting.
H
Parity check computed over half-
word or single-byte according to
WS1 – WS0 setting.
Full-word, half word, or single-byte
parity-error indication according to
WS1 – WS0 setting.
10
L
L–
Disable Port B parity generation.
No overwriting of parity bits.
H
Enable Port B parity generation.
Parity bit over eight least-significant bits
of each byte is overwritten into the
most-significant bit of that byte.
11
L
L
PFB
Port B parity-error flag operates
’flowthrough’.
PFB is subject to transient glitches
while data bus is changing.
H
Port B parity-error flag is latched
by CKB.
PFB remains steady until its value
should change.
12
L
L
EF1
Set by
↑ CKB, reset by ↑ CKA.
Asynchronous flag clocking.
H
Set and reset by
↑ CKB.
Synchronous flag clocking.
13
L
L
AE1
Set by
↑ CKB, reset by ↑ CKA.
Asynchronous flag clocking.
H
Set and reset by
↑ CKA.
Synchronous flag clocking.
14, 15
LL
LL
HF2
Set and reset by
↑ CKA.
Asynchronous flag clocking.
LH
Set and reset by
↑ CKA.
Synchronous flag clocking by Port A
clock.
HL, HH
Set and reset by
↑ CKA.
Synchronous flag clocking by Port B
clock.
Table 5. Control-Register Format
512 x 36 x 2/1024 x 36 x 2 BiFIFOs
LH543611/21
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com