Electronic Components Datasheet Search
  English  ▼

X  

BD135 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BD135
Description  Power Transistors NPN Silicon 45,60,80 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD135 Datasheet(HTML) 2 Page - Micro Commercial Components

  BD135 Datasheet HTML 1Page - Micro Commercial Components BD135 Datasheet HTML 2Page - Micro Commercial Components BD135 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD13
5
BD13
7
BD1
39
10.0
1
Figure 1. Active–Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.01
2
5
10
20
80
BD135
BD137
BD139
50
0.1
0.05
TJ = 125°C
dc
5 ms
0.5 ms
0.1 ms
0.02
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com