Electronic Components Datasheet Search
  English  ▼

X  

BD135 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BD135
Description  Power Transistors NPN Silicon 45,60,80 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD135 Datasheet(HTML) 1 Page - Micro Commercial Components

  BD135 Datasheet HTML 1Page - Micro Commercial Components BD135 Datasheet HTML 2Page - Micro Commercial Components BD135 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD135
BD137
BD139

Power Transistors
NPN Silicon
45,60,80 Volts

)HDWXUHV
0D[LPXP5DWLQJV
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BD135
BD137
BD139
VCEO
45
60
80
Vdc
Collector-Base Voltage
BD135
BD137
BD139
VCBO
45
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @TA=25
:
Derate above 25
:
PD
1.25
10
Watt
mW/
:
Total Device Dissipation @TC=25
:
Derate above 25
:
PD
12.5
100
Watt
mW/
:
Operating & Storage Temperature Range
TJ, TSTG
-55 to +150
:
Maximum Thermal Resistance Junction to
Case
R-&
10
:/W
Maximum Thermal Resistance Junction to
Ambient Air
R-$
100
:/W
(OHFWULFDO &KDUDFWHULVWLFV # °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Symbol
Parameter
Min
Max
Units
2)) &+$5$&7(5,67,&6
BVCEO
Collector-Emitter Sustaining Voltage*
(IC=30mA,IB=0) BD135
BD137
BD139
45
60
80
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
(VCB=30Vdc, IE=0, TC=125
:)
0.1
10
µAdc
IEBO
Emitter Cutoff Current
(VBE=5.0Vdc, IC=0)
10
µAdc
(IC=5mAdc, VCE=2Vdc)
(IC=0.5Adc, VCE=2Vdc)
(IC=150mAdc, VCE=2Vdc)
25
25
40
250
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
0.5
Vdc
VBE(on)
Base-Emitter ON Voltage
(VCE=2V, IC=0.5A)
1
Vdc
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
hFE(1)
hFE(2)
hFE(3)
DC Current Gain*
CLASSIFICATION OF HFE(3)
Rank
6
10
16
Range
40-100
63-160
1
00-250
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
•
DC Current Gain - hFE = 40 (Min) @IC = 150mAdc
•
Complementary with BD136, BD138, BD140





 

 


0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
1
2
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - BD135

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
NPN power transistors
1999 Apr 12
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135 Datasheet
33Kb / 4P
NPN SILICON TRANSISTORS
May-1999
logo
Siemens Semiconductor G...
BD135 SIEMENS-BD135 Datasheet
185Kb / 5P
NPN SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD135 FAIRCHILD-BD135 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD135

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Micro Commercial Compon...
BD135-6 MCC-BD135-6 Datasheet
390Kb / 3P
Power Transistors NPN Silicon 45,60,80 Volts
BD136-6 MCC-BD136-6 Datasheet
317Kb / 3P
Power Transistors PnP Silicon Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com