Electronic Components Datasheet Search
  English  ▼

X  

MPS Datasheet(PDF) 1 Page - C&K Components

Part # MPS
Description  Magnetic Proximity Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MPS Datasheet(HTML) 1 Page - C&K Components

  MPS Datasheet HTML 1Page - C&K Components MPS Datasheet HTML 2Page - C&K Components MPS Datasheet HTML 3Page - C&K Components MPS Datasheet HTML 4Page - C&K Components MPS Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E
E–35
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
MPS Series
Magnetic Proximity Sensors
Features/Benefits
• Long life—4M operations
• Sealed contacts
• Quality construction
• Quick and easy installation
Typical Applications
• Automotive sensors and indicators
• Industrial sensors
• Factory automation equipment
Specifications
CONTACT RATINGS: 3.0 W max. @ 30 V DC or 30 V AC max. @
0.3 AMP max.; 1.0 msec. max. operate time (including bounce);
1.0 AMP max. carry current.
CONTACT RESISTANCE: 100 m
Ω max. initial.
DIELECTRIC STRENGTH: 200 V DC min.
ELECTRICAL CIRCUIT: SPST NO (Contact Form A). Reed switch
opens when magnet is removed from proximity. Contacts are
held closed when magnet is within actuation range.
OPERATING TEMPERATURE: -40°F to 212°F (-40°C to 100°C).
OPERATING DISTANCE/ALIGNMENT: Operate (pull-in or make)
points are nominal values with ± 10% tolerance. Release points
are 110% to 150% of the operating points.
MECHANICAL & ELECTRICAL LIFE: 4 million operations.
PACKAGING: Bulk packaging, 10 switch and magnet pairs
per package.
Materials
HOUSING/SPACER/COVER: ABS plastic (UL94V-0), white.
REED SWITCH: Rhodium coated reed contacts in hermetically
sealed, nitrogen filled glass capsule. Closed when magnet is in
close proximity. Used in closed loop circuits.
WIRE LEADS: UL 1061, 22 AWG wire: stranded, made of copper or
aluminum; Length: 12 in. with ends stripped; Color: white.
POTTING (around wires): Epoxy.
MAGNETS:
MPS45WGW: NdFeB
MPS80WGW: Ceramic Ferrite 8
All other models: Alnico V
ADHESIVE MOUNTING: Foam-backed, pressure-sensitive adhesive
with release liner (MPS45WGW model only).
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for MPS Series Magnetic Proximity Sensors are shown on pages E-35 thru E-39.
OFFSET OF CENTERLINES AND DISTANCE BETWEEN
FACES OF SWITCH AND MAGNET (INCHES).
ACTUATION CHART
SWITCH
MAGNET
Subminiature surface mount (adhesive
or flange), side exit leads, 1" make gap.
MPS45WGW
SWITCH TYPE
PART
NUMBER
NOTE: UL 61058-2 Rating
UL 61058-2


Similar Part No. - MPS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Littelfuse
MPS LITTELFUSE-MPS Datasheet
563Kb / 2P
Display metered values
logo
C&K Components
MPS CK-COMPONENTS-MPS Datasheet
188Kb / 2P
Magnetic Proximity Sensors
logo
Neutrik AG
MPS NEUTRIK-MPS Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
Littelfuse
MPS LITTELFUSE-MPS Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
More results

Similar Description - MPS

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZC0 SICK-MM12-60A-N-ZC0 Datasheet
3Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70ANS-ZUK SICK-MM18-70ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70APS-VCK SICK-MM18-70APS-VCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com