Electronic Components Datasheet Search
  English  ▼

X  

MPS Datasheet(PDF) 2 Page - C&K Components

Part # MPS
Description  Magnetic Proximity Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MPS Datasheet(HTML) 2 Page - C&K Components

  MPS Datasheet HTML 1Page - C&K Components MPS Datasheet HTML 2Page - C&K Components MPS Datasheet HTML 3Page - C&K Components MPS Datasheet HTML 4Page - C&K Components MPS Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E
E–36
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
MPS Series
Magnetic Proximity Sensors
OFFSET OF CENTERLINES AND DISTANCE BETWEEN
FACES OF SWITCH AND MAGNET (INCHES).
ACTUATION CHART
OFFSET OF CENTERLINES AND DISTANCE BETWEEN
FACES OF SWITCH AND MAGNET (INCHES).
ACTUATION CHART
COVER
SWITCH
MAGNET
SPACER
SWITCH
MAGNET
SPACER
Standard surface mount, screw terminals,
1 1/4" make gap.
MPS20WGW
SWITCH TYPE
PART
NUMBER
Industrial surface mount, concealed
screw terminals, 2" make gap.
MPS80WGW
SWITCH TYPE
PART
NUMBER
Third Angle
Projection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com