Electronic Components Datasheet Search
  English  ▼

X  

RTBV Datasheet(PDF) 5 Page - C&K Components

Part # RTBV
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBV Datasheet(HTML) 5 Page - C&K Components

  RTBV Datasheet HTML 1Page - C&K Components RTBV Datasheet HTML 2Page - C&K Components RTBV Datasheet HTML 3Page - C&K Components RTBV Datasheet HTML 4Page - C&K Components RTBV Datasheet HTML 5Page - C&K Components RTBV Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
K
K–28
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
RTBV Series
1-2 Pole Coded Rotary Switches
SEAL
.047
(1,2)
.354
(9,0)
‘A’
.236 DIA.
(6,0Ø)
M10x.030
(M10x0,75)
3/8-32 UNEF-2A
‘A’
.047
(1,2)
.354
(9,0)
.250 DIA.
(6,35Ø)
.047
(1,2)
.354
(9,0)
‘A’
.236 DIA.
(6,0Ø)
M10x.030
(M10x0,75)
O-Ring
Seal
‘A’
.047
(1,2)
.354
(9,0)
.236 DIA.
(6,0Ø)
M10x.030
(M10x0,75)
P
STANDARD SHAFT 0.250( 6,35)
N
METRIC SHAFT 0.236 (6,0)
G
STANDARD SHAFT WITH FLAT 0.250 (6,35)
F
METRIC SHAFT WITH FLAT 0.236 (6,0)
T
STANDARD SHAFT WITH SLOT 0.250 (6,35)
S
METRIC SHAFT WITH SLOT 0.236 (6,0)
D
SEALED BUSHING FOR PANEL MOUNT
A STANDARD BUSHING FOR PANEL MOUNT
SHAFT DIAMETER & STYLE
***Note: Metric diameter shafts are only available with metric diameter bushings, standard 1.250 inch diameter shafts are only available
with standard 3/8 diameter bushings.
.343
(8,7)
ø.402
(10,2)
.343
(8,7)
ø.383
(9,73)
ø.236
6,0
()
.394
10,0
()
.197
5,0
()
M10 X 0,75
.394
10,0
()
ø.250
6,35
()
.197
5,0
()
3/8 - 32 UNEF-2A
.343
(8,7)
ø.402
(10,2)
.343
(8,7)
ø.383
(9,73)
.039
1,0
()
.079
2,0
()
.236
6,0
()
M10 X 0,75
.079
2,0
(
)
.039
1,0
()
.250
6,35
()
3/8 - 32 UNEF-2A
.343
(8,7)
ø.383
(9,73)
.343
(8,7)
ø.402
(10,2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com