Electronic Components Datasheet Search
  English  ▼

X  

RTBV Datasheet(PDF) 6 Page - C&K Components

Part # RTBV
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBV Datasheet(HTML) 6 Page - C&K Components

  RTBV Datasheet HTML 1Page - C&K Components RTBV Datasheet HTML 2Page - C&K Components RTBV Datasheet HTML 3Page - C&K Components RTBV Datasheet HTML 4Page - C&K Components RTBV Datasheet HTML 5Page - C&K Components RTBV Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
K–29
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
K
Third Angle
Projection
RTBV Series
1-2 Pole Coded Rotary Switches
ACTUATOR OPTION ANGLE
ACTUATOR LENGTH
CONTACT MATERIAL
0
0 ANGLE
7
270º
8
180º
2
120º
9
90º
6
60º
2
120º
9
90º
6
60º
0
0 ANGLE
SHAFT WITH FLAT OPTIONS
SHAFT WITH SLOT OPTIONS
Z
(.984) 0,25 mm STANDARD SHAFT
Other lengths available by request.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
* Note: S&T Shaft Diameter and Style are only available with Actuator Option Angle 0, 6, 9, 2.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
S
SWITCH: 250 mA, POWER: 5 VA; CARRY: 5 AMPS
P
SILVER
SWITCH: 20 mA, POWER: 0.2 VA; CARRY: 1 AMP
GOLD
10
50
100
150
200
250 mA current
V
25
20
15
10
5
5 W
1
5
8
10
15
20 mA
V
25
20
15
10
5
1
0,2
W
Switching power:
0.2 W
Max. voltage:
25 V
Min. voltage:
1 V
Max. switching current:
20 mA
Min. switching current:
1 mA
Switching power:
5 W
Max. voltage:
25 V
Min. voltage:
5 V
Max. switching current:
250 mA
Min. switching current:
10 mA
S
(SILVER CONTACTS)
P
(GOLD CONTACTS)
SWITCHING POWER
N (None)
FOR ACTUATORS WITHOUT A FLAT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com