Electronic Components Datasheet Search
  English  ▼

X  

ZMS Datasheet(PDF) 1 Page - C&K Components

Part # ZMS
Description  Subminiature Snap-acting Switches (Dust Proof)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMS Datasheet(HTML) 1 Page - C&K Components

  ZMS Datasheet HTML 1Page - C&K Components ZMS Datasheet HTML 2Page - C&K Components ZMS Datasheet HTML 3Page - C&K Components ZMS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J
J–41
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
ZMS Series
Subminiature Snap-acting Switches (Dust Proof)
Models Available
Features/Benefits
• Reliable snap-acting mechanism
• Long electrical and mechanical life
• Compact size—Ideal when space is limited
• Various PCB terminals and actuators
• RoHS compatible
• IP67 on some models
Typical Applications
• PCB detection switch
• Communication devices
• Testing equipment
• Security/Alarm systems
• Consumer electronics
Specifications
CONTACT RATING: 3A@ 125 V AC/ 3A@ 12 V DC, 10 mA@ 12 V DC.
ELECTRICAL LIFE: 300,000 cycles @ 10mA 12VDC
100,000 cycles @ 3A 12 VDC
6,000 cycles @ 3A 125 VAC
MECHANICAL LIFE: 500,000 cycles
INSULATION RESISTANCE: 100 M ohm min.
DIELECTRIC STRENGTH: 500 Vrms.
OPERATING TEMPERATURE: –40ºC to 85ºC.
OPERATING FORCE: 80 or 130 grams.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max.
@ 20 V AC or DC max.
Materials
CASE: Nylon
COVER/ACTUATOR: PBT
MOVABLE CONTACTS: Silver or gold plated.
STATIONARY CONTACTS: Silver or gold plated.
TERMINALS: Brass, tin plated.
LEVER: Stainless steel
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-40 and J-42. For additional options not shown in catalog, consult Customer Service Center.
Series
ZMS SP, Mom.
Operating Force
130 130 grams / 4.59
Electrical Rating
00
10 mA @ 12 V DC
03
3A 125 V AC
3A 12 V DC
Actuator
P00 Pin plunger
T10 .25 lever
T11 .28 simulated roller
Terminations
P PC Thru-hole
L
Left form, PC Thru-hole
R Right form, PC Thru-hole
S Solder type
J
Wire leads out bottom *
K Wire leads out right side *
W Wire leads out left side *
Z
M
Circuitry
C SPDT
W SPST N.C. ***
Y SPST N.O. ***
S
Over Travel
H High Travel
L Low Travel
Mounting Styles
S Std (No support post)
L
Support post left
R Support post right
M Mounting hole **
14
* Standard Wire: 20 AWG UL 1007
Available options - must specify
22AWG UL1430
24AWG UL1061
26AWG UL1330
** “M” mounting style see page K-43 and K-44 for data and termination style
*** Only available with “J” Termination option


Similar Part No. - ZMS

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMS-H-00130-P00-P-S-C CK-COMPONENTS-ZMS-H-00130-P00-P-S-C Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS-H-00130-P00-P-SW CK-COMPONENTS-ZMS-H-00130-P00-P-SW Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS-H-00130-P00-P-SY CK-COMPONENTS-ZMS-H-00130-P00-P-SY Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS-H-00130-P00-PL-C CK-COMPONENTS-ZMS-H-00130-P00-PL-C Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS-H-00130-P00-PLW CK-COMPONENTS-ZMS-H-00130-P00-PLW Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
More results

Similar Description - ZMS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
ZMCJCHF7P0L0T ITT-ZMCJCHF7P0L0T Datasheet
235Kb / 3P
Subminiature Snap-acting Switches
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
Subminiature Snap-acting Switches
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
Subminiature Sealed Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
Subminiature Snap-acting Switches
ZMCJF7P0T CK-COMPONENTS-ZMCJF7P0T Datasheet
179Kb / 3P
Subminiature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
ZM CK-COMPONENTS-ZM Datasheet
192Kb / 3P
Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA_V01 Datasheet
397Kb / 4P
Subminiature Snap-acting Switches
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com