Electronic Components Datasheet Search
  English  ▼

X  

ZMS Datasheet(PDF) 4 Page - C&K Components

Part # ZMS
Description  Subminiature Snap-acting Switches (Dust Proof)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMS Datasheet(HTML) 4 Page - C&K Components

  ZMS Datasheet HTML 1Page - C&K Components ZMS Datasheet HTML 2Page - C&K Components ZMS Datasheet HTML 3Page - C&K Components ZMS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J
J–44
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
ZMS Series
Subminiature Snap-acting Switches (Dust Proof)
MOUNTING STYLES
Third Angle
Projection
2X 5
.197
()
2.60
(.102)
5
.197
()
ø2.60
(1,02)
J WIRE LEADS BOTTOM
(IP67)
CIRCUITRY
C
SPDT (Single Pole, Double Throw)
W SPST, NC (Single Pole, Single Throw, Normally Closed) FOR “J” TERMINATION ONLY
Y
SPST, NO (Single Pole, Single Throw, Normally Open) FOR “J” TERMINATION ONLY
R
SUPPORT POST RIGHT
L
SUPPORT POST LEFT
S
STD (NO SUPPORT POST)
3.17
304.8
Blue Grey
Black
12.0
(472)
(12.00)
(.125) Strip Ends
(COM) (NO) (NC)
TERMINATIONS
R
RIGHT FOOTED, PC THRU-HOLE
L
LEFT FOOTED, PC THRU-HOLE
P
PC THRU-HOLE
0,6
.0236
()
5,08
.2000
()
5,08
.2000
()
2,05
.081
()
2,85
.1122
()
0,5
.0197
()
2,8
.1102
()
(3) 1.35 to 1.50 holes
(.053) to (.059)
10.16
(.400 )
5.85
(0.230)
(2) 2.5 holes
(.098)
PC MOUNT
9.53
(.375)
0.23
(.010)
5.08
(.200)
To center
of terminal
5
.197
()
2,05
.081
()
2,85
.112
()
5,4
.213
()
2,8
.110
()
0,5
.020
()
(3) 1.35 to 1.50 holes
(.053) to (.059)
10.16
(.400)
5.08
(.200)
0.23
(.010)
9.53
(.375)
(2) 2.5 holes
(.098)
PC MOUNT
5.85
(0.230)
To center
of terminal
S
SOLDER TYPE
4,13
.163
()
4,13
.163
()
2,5
.098
()
1,7
.067
()
0,5
.0197
()
2,8
.1102
()
2,8
.110
(
)
0,5±0,05
.020±.001
()
5,08
.200
(
)
5,08
.200
(
)
0,6 ± 0,1
.024±.003
(
)
2,5
.098
(
)
PC MOUNTING HOLE
1,35/1,50
(.053) (.059)
5,08
(.200)
5,08
(.200)
12
(.472)
(12.00)
304,8
3.17
(0.125)
STRIP ENDS
BLACK (COM)
GREY (NC)
BLUE (NO)
12
(.472)
304,8
(12.00)
3,17
(0.125)
STRIP ENDS
BLACK (COM)
GREY (NC)
BLUE (NO)
K
RIGHT SIDE
(IP67)
W
LEFT SIDE
(IP67)
Standard Wire: 20 AWG UL 1007
Available options - must specify
22AWG UL1430
24AWG UL1061
26AWG UL1330



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com