Electronic Components Datasheet Search
  English  ▼

X  

RFPA0133 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA0133
Description  3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0133 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA0133 Datasheet HTML 1Page - RF Micro Devices RFPA0133 Datasheet HTML 2Page - RF Micro Devices RFPA0133 Datasheet HTML 3Page - RF Micro Devices RFPA0133 Datasheet HTML 4Page - RF Micro Devices RFPA0133 Datasheet HTML 5Page - RF Micro Devices RFPA0133 Datasheet HTML 6Page - RF Micro Devices RFPA0133 Datasheet HTML 7Page - RF Micro Devices RFPA0133 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RFPA0133
3 TO 5V PROGRAMMABLE GAIN HIGH
EFFICIENCY POWER AMPLIFIER
The RFPA0133 is a 3V to 5V high efficiency programmable gain amplifier
IC. The device is manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process. The device has been designed
to offer saturated efficiency greater than 60% over a range of frequencies
from 380MHz to 960MHz.
Features
0.5W CW Output Power at
3.6V
1W CW Output Power at 5V
32dB Small Signal Gain at
900MHz
>60% Efficiency @ PSAT
Digitally Controlled Output
Power
380MHz to 960MHz
Frequency Range
High Isolation
Applications
Analog Communication
Systems
900MHz Spread Spectrum
Systems
400MHz Industrial Radios
Driver Stage for Higher Power
Applications
3V to 5V Applications
High Isolation Buffer
DS100902
Package Style: QFN, 16-Pin, 3mmx3mm
RFPA0133SQ
Sample Bag with 25 Pieces
RFPA0133SR
7” Reel with 100 Pieces
RFPA0133TR7
7” Reel with 750 Pieces
RFPA0133TR13
13” Reel with 2500 Pieces
RFPA0133PCK-410 860MHz to 930MHz PCBA with 5-piece Sample Bag
RFPA0133PCK-411 430MHz to 470MHz PCBA with 5-piece Sample Bag


Similar Part No. - RFPA0133

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-411 RFMD-RFPA0133PCK-411 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-411 QORVO-RFPA0133PCK-411 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results

Similar Description - RFPA0133

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2155 RFMD-RF2155 Datasheet
91Kb / 8P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
RF Micro Devices
RF2155 RFMD-RF2155_06 Datasheet
109Kb / 7P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
RF2155 RFMD-RF2155_1 Datasheet
219Kb / 10P
3V PROGRAMMABLE GAIN POWER AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133_12 Datasheet
668Kb / 9P
5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com