Electronic Components Datasheet Search
  English  ▼

X  

BAV99RFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99RFG
Description  225mW SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99RFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV99RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW56, BAV70, BAV99
225mW SMD Switching Diode
Small Signal Diode
Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
IR=
IF=
IF=
Reverse Leakage Current
VR=
Junction Capacitance
VR=
Reverse Recovery Time
Tape & Reel specification
0V, f=1.0MHz
Type Number
-
-
1.00
1.25
2.50
70
-
-
CJ
Trr
IR
-
Max
Min
Symbol
μA
Units
V
V
V
-
Forward Voltage
Reverse Breakdown Voltage
100μA
50mA
150mA
Tape width
Embossment center
Overall tape thickness
Punch hole position
Sprocke hole pitch
0.229 ±0.013
70V
V(BR)
VF
Reel outside diameter
Sprocket hole
pF
ns
1.5
6.0
Sprocke hole position
E
1.75 ±0.10
W
8.10 ±0.20
P0
4.00 ±0.10
P1
2.00 ±0.05
T
F
3.50 ±0.05
1.22 ±0.10
1.50 ± 0.10
D
178 ± 1
d
D2
13.0 ± 0.20
D1
55 Min
Feed hole width
Carrier length
B
2.77 ±0.10
Dimension(mm)
Carrier width
A
IF=IR=10mA, RL=100Ω, IRR=1mA
Reel width
W1
12.30 ±0.20
3.15 ±0.10
Item
Symbol
Reel inner diameter
Carrier depth
C
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : F10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com