Electronic Components Datasheet Search
  English  ▼

X  

BAV99RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99RFG
Description  225mW SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV99RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW56, BAV70, BAV99
225mW SMD Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
packing code and prefix "G" on date code
Min
Max
Min
Max
2.80
3.00
0.110
0.118
Case :SOT-23 small outline plastic package
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.047
0.08
0.19
0.003
0.010
Package
Packing
Marking
SOT-23
3K / 7" Reel
A1
SOT-23
3K / 7" Reel
A4
SOT-23
3K / 7" Reel
A7
SOT-23
3K / 7" Reel
A1
SOT-23
3K / 7" Reel
A4
SOT-23
3K / 7" Reel
A7
Maximum Ratings
VRRM
Units
°C/W
BAV99 RF
BAW56 RFG
Repetitive Peak Reverse Voltage
BAV70 RFG
BAV99 RFG
Rating at 25°C ambient temperature unless otherwise specified.
Symbol
Type Number
Junction and Storage Temperature Range
TJ, TSTG
Thermal Resistance (Junction to Ambient)
RθJA
200
mA
SOT-23
Value
Repetitive Peak Forward Current
IFRM
Mean Forward Current
IO
Power Dissipation
PD
225
Suggested PAD Layout
BAW56 RF
BAV70 RF
mW
E
F
G
Maximum Ratings and Electrical Characteristics
High temperature soldering guaranteed: 260°C/10s
Weight : 0.008gram (approximately)
Pin Configuration
Ordering Information
Part No.
Marking Code : A1,A4,A7
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Green compound (Halogen free) with suffix "G" on
Features
Mechanical Data
°C
V
-55 to + 150
450
0.5
357
mA
2
A
70
Non-Repetitive Peak Forward
Surge Current
Pulse Width=1 sec
Pulse Width=1 μsec
IFSM
Dimensions
Unit (mm)
Unit (inch)
H
0.550 REF
0.022 REF
A
B
C
D
BAW56
BAV99
BAV70
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
G
H
Version : F10


Similar Part No. - BAV99RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV99RFG TSC-BAV99RFG Datasheet
125Kb / 4P
225mW SMD Switching Diode
More results

Similar Description - BAV99RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
225mW SMD Switching Diode
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
225mW SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
225mW, SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
225mW SMD Switching Diode
BAW56 TSC-BAW56_14 Datasheet
125Kb / 4P
225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
225mW SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com