Electronic Components Datasheet Search
  English  ▼

X  

MBS6 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBS6
Description  Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS6 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBS6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:H11
RATINGS AND CHARACTERISTIC CURVES (MBS2 THRU MBS10)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
Aluminum Substrate
Glass Epoxy P.C.B.
RESISTIVE OR INDUCTIVE
O
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0
5
10
15
20
25
30
35
1
10
100
NUMBER OF CYCLES AT 60 Hz
Single Half Sine-Wave
(JEDEC Method)
F=60Hz
F=50Hz
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER LEG
0.01
0.1
1
10
100
0
10
20304050
607080
90
100
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
PER LEG
0
5
10
15
20
25
30
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vslg=50mVp-p
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
PER LEG
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
TA=25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com