Electronic Components Datasheet Search
  English  ▼

X  

MBS6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBS6
Description  Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBS6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
UL Recognized File # E-326243
Ideal for printed circuit board
High surge current capability
MBSX
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBS6
MBS8
MBS10
Unit
VRRM
600
800
1000
V
VRMS
420
560
700
V
VDC
600
800
1000
V
Cj
pF
TJ
OC
TSTG
OC
Dimensions in inches and (millimeters)
Weight: 0.123 grams
Terminal: Leads solderable
per MIL-STD-202 Method 208
Marking Diagram
Maximum DC Reverse Current
TA=25 ℃
at Rated DC Blocking Voltage
TA=125 ℃
IR
A
V
Maximum Instantaneous Forward Voltage (Note 1)
@ 0.4A
VF
1.00
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Features
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
Typical Junction Capacitance Per Leg (Note 2)
Type Number
Maximum Repetitive Peak Reverse Voltage
A
Note 3: On glass epoxy P.C.B. mounted on 0.05" x 0.05" (1.3mm x 1.3mm) pads
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
5
100
- 55 to + 150
13
(Note 3)
Typical Thermal Resistance (Note 4)
(Note 3)
RθjA
RθjA
RθjL
85
70
20
Version:H11
Note 1: Pulse Test with PW=300 usec,1% Duty Cycle
Note 2: Measure at 1.0MHz and Applied Reverse Voltage of 4.0 Volts D.C.
Note 4: On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20mm x 20mm) mounted on 0.05" x 0.05" (1.3mm x 1.3mm) solder pads
MBS2 - MBS10
200
140
400
280
Case: Molded plastic body
MBS
MBS2
Reliable low cost construction utilizing molded
plastic technique
High temperature soldering guaranteed:
260℃/10 seconds at 5 lbs., (2.3kg) tension
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
Maximum RMS Voltage
Maximum DC Blocking Voltage
Mechanical Data
Small size, simple installation
OC/W
MBS4
IF(AV)
0.5
0.8
200
400
35
uA
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBS6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS6 ETC-MBS6 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS6 TSC-MBS6 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
198Kb / 4P
Glass Passivated Bridge Rectifiers
MBS6 TSC-MBS6 Datasheet
198Kb / 4P
0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - MBS6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2 Datasheet
55Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
MBS2 TSC-MBS2_1 Datasheet
167Kb / 2P
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
D1S FCI-D1S Datasheet
125Kb / 2P
0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2-280-8A-29 DGNJDZ-ABS2-280-8A-29 Datasheet
411Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
M05F YIXIN-M05F Datasheet
140Kb / 2P
0.8 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Guangdong Youtai Semico...
MB05M UMW-MB05M Datasheet
615Kb / 2P
0.8 A Single-Phase Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com