Electronic Components Datasheet Search
  English  ▼

X  

MS6257 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6257 Datasheet HTML 6Page - MOSA ELECTRONICS MS6257 Datasheet HTML 7Page - MOSA ELECTRONICS MS6257 Datasheet HTML 8Page - MOSA ELECTRONICS MS6257 Datasheet HTML 9Page - MOSA ELECTRONICS MS6257 Datasheet HTML 10Page - MOSA ELECTRONICS MS6257 Datasheet HTML 11Page - MOSA ELECTRONICS MS6257 Datasheet HTML 12Page - MOSA ELECTRONICS MS6257 Datasheet HTML 13Page - MOSA ELECTRONICS MS6257 Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MOSA
MS6257
Gain and Attenuation Volume Controller IC
REV 6
10
www.mosanalog.com
An example of the volume control.
(Volume = Ax + Bx + Cx)
Set two channels at 0dB.
(Ax + Bx + Cx
=
0dB + 0dB + 0dB)
next, the volume changes from 0dB to -9dB.
(Ax + Bx + Cx = -9dB + 0dB + 0dB)
next, the volume changes from -9dB to -19dB.
(Ax + Bx + Cx = -9dB + -10dB + 0dB)
next, the volume changes from -19dB to -20dB.
(Ax + Bx + Cx = 0dB + -20dB + 0dB)
next, the volume changes from -20dB to -14dB.
(Ax + Bx + Cx = 0dB + -20dB + 6dB)
next, the volume changes from -14dB to +6dB.
(Ax + Bx + Cx = 0dB + 0dB + 6dB)
Note: We suggest the gain is set as the power is up. For example, set and fix the gain +10dB, the volume range will be
controlled from +10dB to –69dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com