Electronic Components Datasheet Search
  English  ▼

X  

MS6257 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6257
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6257 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6257 Datasheet HTML 1Page - MOSA ELECTRONICS MS6257 Datasheet HTML 2Page - MOSA ELECTRONICS MS6257 Datasheet HTML 3Page - MOSA ELECTRONICS MS6257 Datasheet HTML 4Page - MOSA ELECTRONICS MS6257 Datasheet HTML 5Page - MOSA ELECTRONICS MS6257 Datasheet HTML 6Page - MOSA ELECTRONICS MS6257 Datasheet HTML 7Page - MOSA ELECTRONICS MS6257 Datasheet HTML 8Page - MOSA ELECTRONICS MS6257 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MOSA
MS6257
Gain and Attenuation Volume Controller IC
REV 6
5
www.mosanalog.com
I
2C BUS DESCRIPTION
Start and stop conditions
A start condition is activated when the SCL is set to HIGH and SDA shifts from HIGH to LOW state. The stop
condition is activated when SCL is set to HIGH and SDA shifts from LOW to HIGH state. Please refer to the timing
diagram below.
SDA
SCL
Start
Stop
SCL : Serial Clock Line, SDA : Serial Data Line
Data validity
A data on the SDA line is considered valid and stable only when the SCL signal is in HIGH state. The HIGH and
LOW states of the SDA line can only change when the SCL signal is LOW. Please refer to the figure below.
SDA
SCL
Data line
stable,
Data valid
Data
change
allowed
Byte format
Every byte transmitted to the SDA line consists of 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transmitted first.
Acknowledge
During the Acknowledge clock pulse, the master (up) put a resistive HIGH level on the SDA line. The peripheral
(audio processor) that acknowledges has to pull-down (LOW) the SDA line during the Acknowledge clock pulse so that
the SDA line is in a stable LOW state during this clock pulse. Please refer to the diagram below.
SCL
SDA
MSB
Acknowledge
1
2
3
7
8
9
Start
The audio processor that has been addressed has to generate an Acknowledge after receiving each byte, otherwise,
the SDA line will remain at the HIGH level during the ninth (9
th) clock pulse. In this case, the master transmitter can
generate the STOP information in order to abort the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com