Electronic Components Datasheet Search
  English  ▼

X  

LR38266 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LR38266
Description  Digital Signal Processor for Color CCD Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38266 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LR38266 Datasheet HTML 9Page - Sharp Corporation LR38266 Datasheet HTML 10Page - Sharp Corporation LR38266 Datasheet HTML 11Page - Sharp Corporation LR38266 Datasheet HTML 12Page - Sharp Corporation LR38266 Datasheet HTML 13Page - Sharp Corporation LR38266 Datasheet HTML 14Page - Sharp Corporation LR38266 Datasheet HTML 15Page - Sharp Corporation LR38266 Datasheet HTML 16Page - Sharp Corporation LR38266 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LR38266
OUTPUT DATA
Output Data Table
ADDRESS
BIT
CONTENTS
NAME
Average data to control exposure
8 bits
IRIS-1-1 to 8
00 to 07h
30 to 37h IRIS-7-1 to 8 8 bits Average data to control exposure
28 to 2Fh IRIS-6-1 to 8 8 bits Average data to control exposure
20 to 27h IRIS-5-1 to 8 8 bits Average data to control exposure
18 to 1Fh IRIS-4-1 to 8 8 bits Average data to control exposure
10 to 17h IRIS-3-1 to 8 8 bits Average data to control exposure
08 to 0Fh IRIS-2-1 to 8 8 bits Average data to control exposure
8 bits
AWBQ-2-1 to 4
54 to 57h
8 bits
AWBI-4-1 to 4
4C to 4Fh
Average data of Q/B – Y axis to control auto white balance
Average data of I/R – Y axis to control auto white balance
8 bits
AWBI-3-1 to 4
48 to 4Bh
Average data of I/R – Y axis to control auto white balance
8 bits
AWBI-2-1 to 4
44 to 47h
8 bits
AWBI-1-1 to 4
40 to 43h
Average data to control exposure
8 bits
IRIS-8-1 to 8
38 to 3Fh
50 to 53h AWBQ-1-1 to 4 8 bits
8 bits
AWBQ-4-1 to 4
5C to 5Fh
8 bits
AWBQ-3-1 to 4
58 to 5Bh
Average data of Q/B – Y axis to control auto white balance
8 bits
C3_OB_B
64h
8 bits
C1_OB_R
63h
8 bits
OB_DATA
62h
Average data of optical pixels for Mg + Cy
8 bits
L_PEAK
61h
Average data of optical pixels for Mg + Ye
8 bits
H_PEAK
60h
Average data of optical pixels
Minimum luminance signal out of 64 blocks
Maximum luminance signal out of 64 blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com