Electronic Components Datasheet Search
  English  ▼

X  

LR38266 Datasheet(PDF) 16 Page - Sharp Corporation

Part # LR38266
Description  Digital Signal Processor for Color CCD Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38266 Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LR38266 Datasheet HTML 12Page - Sharp Corporation LR38266 Datasheet HTML 13Page - Sharp Corporation LR38266 Datasheet HTML 14Page - Sharp Corporation LR38266 Datasheet HTML 15Page - Sharp Corporation LR38266 Datasheet HTML 16Page - Sharp Corporation LR38266 Datasheet HTML 17Page - Sharp Corporation LR38266 Datasheet HTML 18Page - Sharp Corporation LR38266 Datasheet HTML 19Page - Sharp Corporation LR38266 Datasheet HTML 20Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LR38266
16
Data Interface Timing
Data Output
Data Input
SCK
SDI
SLDI
Address
SCK should be slower than 20 MHz.
Data
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Data is stored in LR38266
LSB MSB
LSB
MSB
Data output in 47 ns or more after address input is valid.
ADD [6 : 0]
DATA [7 : 0]
MAX. 47 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com