Electronic Components Datasheet Search
  English  ▼

X  

LR38269 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LR38269
Description  Digital Signal Processor for Color CCD Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38269 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LR38269 Datasheet HTML 9Page - Sharp Corporation LR38269 Datasheet HTML 10Page - Sharp Corporation LR38269 Datasheet HTML 11Page - Sharp Corporation LR38269 Datasheet HTML 12Page - Sharp Corporation LR38269 Datasheet HTML 13Page - Sharp Corporation LR38269 Datasheet HTML 14Page - Sharp Corporation LR38269 Datasheet HTML 15Page - Sharp Corporation LR38269 Datasheet HTML 16Page - Sharp Corporation LR38269 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LR38269
13
Data Interface
(1) Format of data transfers
• Format of transfers : Asynchronous (Based on
RS-232C standard)
• Bit rate : 9 600 bps
• Data length : 8 bits
• Parity check : 1 even parity bit
• Start bit : 1 bit
• Stop bit : 1 bit
• Signal voltage level (CMOS)
• System configuration
3.3 V
GND
LSB
MSB
RxD
D0
D1
D2
D3
D4
D5
D6
D7
Even
Parity
Bit
Data Bit
Stop
Bit
Start
Bit
LR38269
Dedicated
Adjustment
Tool
by SHARP
PC with
Windows
RxD
TxD
SCK
SDATA
SLDI
SCK
SDATA
SLDI
DSP Address
DSP Data
5.8 µs
11.6 µs
1.4 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com