Electronic Components Datasheet Search
  English  ▼

X  

LR38269 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38269
Description  Digital Signal Processor for Color CCD Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38269 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38269 Datasheet HTML 1Page - Sharp Corporation LR38269 Datasheet HTML 2Page - Sharp Corporation LR38269 Datasheet HTML 3Page - Sharp Corporation LR38269 Datasheet HTML 4Page - Sharp Corporation LR38269 Datasheet HTML 5Page - Sharp Corporation LR38269 Datasheet HTML 6Page - Sharp Corporation LR38269 Datasheet HTML 7Page - Sharp Corporation LR38269 Datasheet HTML 8Page - Sharp Corporation LR38269 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LR38269
5
PIN NO. SYMBOL
I/O
DESCRIPTION
POLARITY
32
MIR
IO4M
Video output mode setting.
L : Normal
H : Mirror
In digital output mode, this pin is assigned to bit 2 of U/V signal.
33
BLC
IO4M
Backlight compensation selection.
L : OFF
H : ON
In digital output mode, this pin is assigned to bit 3 of U/V signal.
34
GNDDA
–
A grounding pin of built-in DA converter.
35
VDDDA
–
Supply of +3.3 V power of built-in DA converter.
36
VB
DAO
Bias voltage output of built-in DA converter, connected to GND through a
capacitor.
37
IREF
DAO
Bias current output of built-in DA converter, connected to GND through a resistor.
38
VREF
DAI
Bias voltage input of built-in DA converter, connected to +1.0 V power supply.
39
GNDDA
–
A grounding pin of built-in DA converter.
40
VIDEO
DAO
Analog video signal output.
41
EEMDS
IO4MU
Electronic exposure mode setting by EEMDS, EEMD1, EEMD2 and EEMD3.
See "Electronic Shutter Speed Setting" in AUTOMATIC CAMERA FUNCTION
CONTROL.
In digital output mode, 41 to 44 pins are assigned to bits 7 to 4 of U/V signals.
42
EEMD1
IO4MU
43
EEMD2
IO4MU
44
EEMD3
IO4MU
45
GND
–
A grounding pin
46
VDD
–
Supply of +3.3 V power.
47
DCK1
OBF4M
Clock output for digital signal output.
Output mode setting switches to CSYNC output.
48
DCK2
OBF4M
ID pulse output for U/V output signal. In digital output, this pin outputs KEI-
PULSE.
NOTE : KEI-PULSE
At power-on, it keeps low. Both 1/60 s (PAL 1/50 s) as shutter speed and AGC gain
more than data of address 78h sets it high.
49
EXCKI
IC
Bit 3 of address 03h sets the function of this pin.
1 : Clock input of 13.5 MHz for digital output
0 : VRI input for analog output
50
Y0
OBF4M
Bit 0 (LSB) of digital luminance signal output.
51
Y1
OBF4M
Bit 1 of digital luminance signal output.
52
Y2
OBF4M
Bit 2 of digital luminance signal output.
53
Y3
OBF4M
Bit 3 of digital luminance signal output.
54
GND
–
A grounding pin.
55
VDD
–
Supply of +3.3 V power.
56
Y4
OBF4M
Bit 4 of digital luminance signal output.
57
Y5
OBF4M
Bit 5 of digital luminance signal output.
58
Y6
OBF4M
Bit 6 of digital luminance signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com