Electronic Components Datasheet Search
  English  ▼

X  

TS19371CSRL Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371CSRL
Description  Boost (Step-up) WLED Driver with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CSRL Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19371CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
5/10
Version: G08
Application Information (Continue)
TS19371CX6 Typical Application Circuit
Reference Design Information
VIN Range
(V)
VLED.
(V)
L (uH)
LED
(Series)
LED
(Parallel)
Current
(Series/mA)
Resistor
( )
Efficiency
(%)
5
19.8
22
6pcs
14
20
4.75
81.2
9
29.7
33
9pcs
14
20
4.75
83.6
12
29.7
47
9pcs
14
20
4.75
87.2
15
29.7
68
9pcs
14
20
4.75
88.4
TS19371CX6 Typical Application Circuit for 1W x 6pcs LEDs
Reference Design Information
VIN Range
(V)
VLED.
(V)
L (uH)
1W LED
(Series)
Current
(mA)
Resistor
( )
Efficiency
(%)
12~15
19.8
68
6pcs
350
0.22
88



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com