Electronic Components Datasheet Search
  English  ▼

X  

TS19371CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19371CSRL
Description  Boost (Step-up) WLED Driver with OVP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19371CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19371CSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
1/10
Version: G08
SOT-26
SOP-8
General Description
The TS19371 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The
device can drive up to 126 LEDs (9S14P) from a 12V supply. The output capacitor can be as small as 4.7µF,
saving space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for better
efficiency. Additional feature include over output voltage limiting (SOT-26 package) when LEDs are disconnected.
The TS19371 switches at a fixed frequency of 1.2MHz, allowing the use of tiny, low profile inductors and
capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or
other hand held equipment.
Features
●
Inherently Matched LED Current
●
High Efficiency: 89% Typical
●
Drives Up to 9 LEDs Series @ Vin 9~15V
●
Drives Up to 126 LEDs (9S14P) @ Vin 12~15V
●
Drives Up to 6 (1W) LEDs Series @ Vin 12V
●
Over Output Voltage Protection 30V (SOT-26)
●
Fast 1.2MHz Switching Frequency
●
Requires Only 4.7µF Output Capacitor
●
PWM dimming control 1KHz to 10KHz
●
Analog dimming control
Ordering Information
Part No.
Package
Packing
TS19371CX6 RF
SOT-26
3Kpcs / 7” Reel
TS19371CS RL
SOP-8
2.5Kpcs / 13” Reel
Input Voltage vs. Efficiency
Application
●
Cellular Phones
●
Portable Electronics Devices PDA, GPS
●
LCD Display Module
●
White LED Backlighting
●
MR-16 lighting
Typical Application Circuit
Pin Definition:
1. SW
6. VIN
2. GND
5. OVP
3. FB
4. CTRL
Pin Definition:
1. VIN
8. SW
2. GND
7. GND
3. GND
6. GND
4. CTRL
5. FB


Similar Part No. - TS19371CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371CX6RFG TSC-TS19371CX6RFG Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19371CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com