Electronic Components Datasheet Search
  English  ▼

X  

TS19377CSRLG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19377CSRLG
Description  2A Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19377CSRLG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19377CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19377
2A Buck (Step-down) WLED Driver
4/7
Version: A11
Function Descriptions
PWM Control
The TS19377 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of
the TS19377, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter because the switching frequency remains
constant. Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load
current.
Setting ILED Current
Application circuit item shows the basic application circuit with TS19377 adjustable output version. The external
resistor sets the LED output current according to the following formula:
ILED=(0.25V/R2)
Resistor select for LED output current setting
ILED
R2
350mA
0.715
87.5mW
750mA
0.333
189mW
1000mA
0.250
250mW
RDS(ON) Current Liming
The current limit threshold is setting by the internal circuit.
Compensation
Please refer the table of application circuit. For DC input, the option circuit for compensation is connecting R4 and
a 1N4148 diode to VOUT. In order to protect short circuit and thermal shutdown release for LED.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com