Electronic Components Datasheet Search
  English  ▼

X  

TS19377CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19377CSRLG
Description  2A Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19377CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19377CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19377CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS19377
2A Buck (Step-down) WLED Driver
1/7
Version: A11
SOP-8
General Description
TS19377 consists of step-down switching regulator with PWM control. These devise include a reference voltage
source, oscillation circuit, error amplifier, internal PMOS and etc.
TS19377 provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control
circuit is able to the duty ratio linearly from 0 up to 100%. An enable function, an over current protect function and
short circuit protect function are built inside, and when OCP or SCP happens, the operation frequency will be
reduced. Also, an internal compensation block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil, capacitors, and a diode connected externally, these
ICs can function as step-down switching regulators. They serve as ideal power supply units for portable devices
when coupled with the SOP-8 package, providing such outstanding features as low current consumption. Since
this converter can accommodate an input voltage up to 23V, it is also suitable for the operation via an AC adapter.
Features
●
Input Voltage Range 3.6V~23V
●
Output voltage: 0.25V~Vcc
●
2A Switch Output Current
●
Duty ratio: 0%~100% PWM control
●
330kHz Switching Frequency
●
Enable/Disable Functions
●
Current limit and Thermal Shutdown
●
Short Circuit Protections
●
Built-in Internal SW P-CH MOS
Application
●
White LED Backlighting
●
White LED Driving
●
Multiple LED Driving
●
LED Lighting Equipment
Ordering Information
Part No.
Package
Packing
TS19377CS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Block Diagram
Vcc
Oscillator
Circuit
Reference Voltage
PWMSwitched
Control Circuit
+
-
Vss
VEN
EN
Comp
FB
Thermal
Shutdown
SW
Current
Limit
Pin Definition:
1. FB
8. GND
2. EN
7. GND
3. Comp
6. SW
4. Vcc
5. SW


Similar Part No. - TS19377CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS19377CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
2A Buck (Step-down) WLED Driver
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com