Electronic Components Datasheet Search
  English  ▼

X  

TS19450 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19450 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
3/8
Version: A10
Block Diagram
Pin Description
Pin
Function
Description
1
VIN
This pin is the input of 8V~450V linear regulator
2
CS
This pin is the current sense pin used to sense the MOSFET current by means of an
external sense resistor. When this pin exceeds the low of either the internal 250mV
or the voltage at the LD pin, the GATE output goes low
3
GND
Ground return for all internal circuitry. This pin must be electrically connected to the
ground of the power train.
4
GATE
This pin is the output GATE driver for an external N-CH Power MOSFET
5
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND, the Gate
Driver is turned off. When the pin is pulled high, the GATE driver operates normally.
6
VDD
This is the power supply pin for all internal circuits.
It must be bypassed with a low ESR capacitor to GND (≥0.1µF)
7
LD
This pin is the linear dimming input and sets the current sense threshold as long as
the voltage at the pin is less than 250mV (typ.)
8
RT
This pin sets the oscillator frequency. When a resistor is connected between RT and
GND, the IC operates in constant frequency mode. When the resistor is connected
between RT and GATE, the IC operates in constant off-time mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com