Electronic Components Datasheet Search
  English  ▼

X  

TS19450 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19450 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
5/8
Version: A10
Application Information (Continue)
The input current drawn from the VIN pin is a sum of the 1.0mA current drawn by the internal circuit and the current
drawn by the GATE driver (which in turn depends on the switching frequency and the GATE charge of the external
In the above equation, fS is the switching frequency and QGis the GATE charge of the external MOSFET (which can be
obtained from the datasheet of the MOSFET).
Current Sense
The current sense input of the TS19450 goes to the non-inverting inputs of two comparators. The inverting terminal of
one comparator is tied to an internal 250mV reference whereas the inverting terminal of the other comparator is
connected to the LD pin. The outputs of both these comparators are fed into an OR GATE and the output of the OR
GATE is fed into the reset pin of the flip-flop. Thus, the comparator which has the lowest voltage at the inverting
terminal determines when the GATE output is turned off.
The outputs of the comparators also include a 150~280ns blanking time which prevents spurious turn-offs of the exter-
nal MOSFET due to the turn-on spike normally present in peak current mode control. In rare cases, this internal
blanking might not be enough to filter out the turn-on spike. In these cases, an external RC filter needs to be added
between the external sense resistor (RCS) and the CS pin.
Please note that the comparators are fast (with a typical 80ns response time). Hence these comparators are more
susceptible to be triggered by noise than the comparators of the TS19450. A proper layout minimizing external induc-
tances will prevent false triggering of these comparators.
Oscillator
The oscillator in the TS19450 is controlled by a single resistor connected at the RT pin. The equation governing the
oscillator time period tOSC is given by:
If the resistor is connected between RT and GND, TS19450 operates in a constant frequency mode and the above
equation determines the time-period. If the resistor is connected between RT and GATE, the TS19450 operates in a
constant off-time mode and the above equation determines the off-time.
Linear Dimming
The Linear Dimming pin is used to control the LED current. There are two cases when it may be necessary to use the
Linear Dimming pin.
* In some cases, it may not be possible to find the exact value required to obtain the LED current when the RCS
internal 250mV is used. In these cases, an external voltage divider from the VDD pin can be connected to the LD pin
to obtain a voltage (less than 250mV) corresponding to the desired voltage across RCS.
* Linear dimming may be desired to adjust the current level to reduce the intensity of the LEDs. In these cases, an
external 0~250mV voltage can be connected to the LD pin to adjust the LED current during operation.
To use the internal 250mV, the LD pin can be connected to VDD.
Note:
Although the LD pin can be pulled to GND, the output current will not go to zero. This is due to the presence of a mini-
mum on-time (which is equal to the sum of the blanking time and the delay to output time) which is about 450ns. This
will cause the MOSFET to be on for a minimum of 450ns and thus the LED current when LD = GND will not be zero.
This current is also dependent on the input voltage, inductance value, forward voltage of the LEDs and circuit parasitic.
To get zero LED current, the PWMD pin has to be used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com