Electronic Components Datasheet Search
  English  ▼

X  

TS19450CSRL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450CSRL
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
4/8
Version: A10
Application Information
The TS19450 is optimized to drive buck LED drivers using open-loop peak current mode control. This method of
control enables fairly accurate LED current control without the need for high side current sensing or the design of any
closed loop controllers. The IC uses very few external components and enables both linear and PWM dimming of the
LED current.
A resistor connected to the RT pin programs the frequency of operation (or the off-time). The oscillator produces
pulses at regular intervals. These pulses set the SR flip-flop in the TS19450 which causes the GATE driver to turn on.
The same pulses also start the blanking timer which inhibits the reset input of the SR flip flop and prevent false turn-
offs due to the turn-on spike. When the FET turns on, the current through the inductor starts ramping up. This current
flows through the external sense resistor RCS and produces a ramp voltage at the CS pin. The comparators are
constantly comparing the CS pin voltage to both the voltage at the LD pin and the internal 250mV. Once the blanking
timer is complete, the output of these comparators is allowed to reset the flip flop. When the output of either one of the
two comparators goes high, the flip flop is reset and the GATE output goes low. The GATE goes low until the SR flip
flop is set by the oscillator. Assuming a 30% ripple in the inductor, the current sense resistor RCS can be set using:
Constant frequency peak current mode control has an inherent disadvantage – at duty cycles greater than 0.5, the
control scheme goes into sub harmonic oscillations. To prevent this, an artificial slope is typically added to the current
sense waveform. This slope compensation scheme will affect the accuracy of the LED current in the present form.
However, a constant off-time peak current control scheme does not have this problem and can easily operate at duty
cycles greater then 0.5 and also gives inherent input voltage rejection making the LED current almost insensitive to
input voltage variations. But, it leads to variable frequency operation and the frequency range depends greatly on the
input and output voltage variation. TS19450 makes it easy to switch between the two modes of operation by changing
one connection (see oscillator section).
Input Voltage Regulator
The TS19450 can be powered directly from its VIN pin and can work from 8.0V~450VDC at its VIN pin. When a voltage
is applied at the VIN pin, the TS19450 maintains a constant 7.5V at the VDD pin. This voltage is used to power the IC
and any external resistor dividers needed to control the IC. The VDD pin must be bypassed by a low ESR capacitor to
provide a low impedance path for the high frequency current of the output GATE driver.
The TS19450 can be also operated by supplying a voltage at the VDD pin greater than the internally regulated voltage.
This will turn off the internal linear regulator of the IC and the TS19450 will operate directly off the voltage supplied at
the VDD pin. Please note that this external voltage at the VDD pin should not exceed 12V.
Although the VIN pin of the TS19450 is rated up to 450V, the actual maximum voltage that can be applied is limited by
the power dissipation in the IC. For example, if an SOP-8 (junction to ambient thermal resistance RθJA = 128°C/ W)
TS19450 draws about IIN= 2.0mA from the VIN pin, and has a maximum allowable temperature rise of the junction
temperature limited to about ∆T=10ºCm the maximum voltage at the VIN pin would be:
In these cases, to operate the TS19450 from higher input voltages, a Zener diode can be added in series with the VIN
pin to divert some of the power loss from the TS19450 to the Zener diode. In the above example, using a 100V zener
diode will allow the circuit to easily work up to 450V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com