Electronic Components Datasheet Search
  English  ▼

X  

TS19450CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS19450CSRL
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19450
AC/DC WLED Driver with External MOSFET
Universal High Brightness
1/8
Version: A10
SOP-8
General Description
The TS19450 is an open loop, current mode control LED driver IC. It can be programmed to operate in either a
constant frequency or constant off-time mode. It includes an 8V~450V linear regulator which allows it to work from a
wide range of input voltages without the need for an external low voltage supply. The TS19450 includes a PWM
dimming input that can accept an external control signal with a duty ratio of 0~100% and a frequency of up to a few
kHz. It also includes a 0~250mV linear dimming input which can be used for linear dimming of the LED current.
The TS19450 is ideally suited for buck LED drivers. Since it operates in open loop current mode control, the controller
achieves good output current regulation without the need for any loop compensation. PWM dimming response is
limited only by the rate of rise and fall of the inductor current, enabling very fast rise and fall times. The TS19450
requires only free external components (apart from the power stage) to produce a controlled LED current making it and
ideal solution for low cost LED drivers.
Ordering Information
Part No.
Package
Packing
TS19450CS RL
SOP-8
2.5Kpcs / 13” Reel
Features
●
Switch mode controller for single switch LED drivers
●
Open loop peak current controller
●
Internal 8V~450V linear regulator
●
Constant frequency or constant off-time operation
●
Linear and PWM dimming capability
●
Requires few external components for operation
Application
●
DC/DC or AC/DC LED driver applications
●
RGB backlighting LED driver
●
Back lighting of flat panel displays
●
General purpose constant current source
●
Signage and decorative LED lighting
●
Charger
Typical Application Circuit
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Voltage Range
VIN to GND
-0.5 ~ +470
V
Internal Regulated Voltage
VDD to GND
13.5
V
CS, LD, PWMD, Gate, RT to GND
-0.3 ~ (VDD+0.3)
V
Continuous Power Dissipation
PD
630
mW
Storage Temperature Range
TA
-65 to +150
oC
Junction Temperature Range
TJ
-40 to +150
oC
Thermal Resistance – Junction to Ambient
RθJA
128
oC/W
Pin Definition:
1. VIN
8. RT
2. CS
7. LD
3. GND
6. VDD
4. Gate
5. PWMD


Similar Part No. - TS19450CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Similar Description - TS19450CSRL

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
AC/DC WLED Driver with Internal MOSFET
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
AC/DC Programmable Current WLED Driver
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
AC/DC WLED Driver with External MOSFET Universal High Brightness
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com