Electronic Components Datasheet Search
  English  ▼

X  

LR38616 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LR38616
Description  Timing Generator IC for 2 140 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38616 Datasheet(HTML) 8 Page - Sharp Corporation

  LR38616 Datasheet HTML 1Page - Sharp Corporation LR38616 Datasheet HTML 2Page - Sharp Corporation LR38616 Datasheet HTML 3Page - Sharp Corporation LR38616 Datasheet HTML 4Page - Sharp Corporation LR38616 Datasheet HTML 5Page - Sharp Corporation LR38616 Datasheet HTML 6Page - Sharp Corporation LR38616 Datasheet HTML 7Page - Sharp Corporation LR38616 Datasheet HTML 8Page - Sharp Corporation LR38616 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
LR38616
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
Supply voltage
VDD3, VDD4
VI3
VO3
TOPR
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD3 = 3.0 V to VDD4, VDD4 = 4.2 to 5.5 V, TOPR = –20 to +70 ˚C)
TSTG
–55 to +150
–20 to +70
–0.3 to VDD3 + 0.3
–0.3 to VDD3 + 0.3
–0.3 to 6.0
RATING
UNIT
V
V
V
˚C
˚C
Storage temperature
Operating temperature
Output voltage
Input voltage
NOTES :
1. Applied to inputs (IC3, OSCI3).
2. Applied to input (ICU3).
3. Applied to input (ICSU3).
4. Applied to input (ICU4).
5. Applied to input (ICD4).
6. Applied to output (O3).
7. Applied to outputs (OSCO3, O6MA3). (Output (OSCO3)
measures on condition that input (OSCI3) level is 0 V or
VDD3.)
8. Applied to output (O6MA43).
VI4
–0.3 to VDD4 + 0.3
V
–0.3 to VDD4 + 0.3
VO4
V
Input "Low" voltage
VIL3-1
Input "High" voltage
VIH3-1
Input "Low" voltage
VIL3-2
VIH3-2
Hysteresis voltage
VT+ –VT–
Input "Low" voltage
VIL4
Input "Low" current
|IIL3-1|
Input "High" current
|IIH3-1|
Input "Low" current
|IIL3-2|
Input "Low" current
|IIL4-2|
Input "High" current
|IIH4-2|
Output "Low" voltage
VOL3-1
Output "High" voltage
VOH3-1
Output "Low" voltage
VOL3-2
Output "High" voltage
VOH3-2
Output "Low" voltage
VOL4
Output "High" voltage
VOH4
PARAMETER
SYMBOL
CONDITIONS
Input "High" voltage
VIH4
Input "High" voltage
MIN.
0.2VDD3
0.8VDD3
VDD3 – 0.5
4.0
2.0
0.8VDD4
0.08VDD3
VDD4 – 0.5
VDD3 – 0.5
TYP.
0.4
MAX.
0.75VDD3
0.2VDD3
0.4
60
2.0
30
1.0
1.0
0.2VDD4
0.4
Schmitt-buffer
IOH = –3 mA
IOL = 3 mA
IOH = –1 mA
IOL = 2 mA
VI = VDD4
VI = 0 V
VI = 0 V
VI = VDD3
VI = 0 V
IOH = –10 mA
IOL = 10 mA
V
V
V
V
V
µA
µA
µA
µA
µA
V
V
V
V
V
V
V
UNIT
V
7
NOTE
3
1, 2
6
5
8
1
µA
VI = VDD3
2.0
|IIH3-2|
Input "High" current
2, 3
Input "Low" current
|IIL4-1|
4.0
60
VI = 0 V
µA
µA
VI = VDD4
2.0
|IIH4-1|
Input "High" current
4
4, 5
V
0.4
Output "Low" voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com