Electronic Components Datasheet Search
  English  ▼

X  

LR38616 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR38616
Description  Timing Generator IC for 2 140 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38616 Datasheet(HTML) 3 Page - Sharp Corporation

  LR38616 Datasheet HTML 1Page - Sharp Corporation LR38616 Datasheet HTML 2Page - Sharp Corporation LR38616 Datasheet HTML 3Page - Sharp Corporation LR38616 Datasheet HTML 4Page - Sharp Corporation LR38616 Datasheet HTML 5Page - Sharp Corporation LR38616 Datasheet HTML 6Page - Sharp Corporation LR38616 Datasheet HTML 7Page - Sharp Corporation LR38616 Datasheet HTML 8Page - Sharp Corporation LR38616 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
LR38616
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
1
OFDC
O3
Control pulse output
for OFD voltage
A pulse to control OFD voltage.
2V1X
O3
Vertical transfer
pulse output 1
A vertical transfer pulse for CCD.
Connect to V1X pin of vertical driver IC.
3VH1AX
O3
Readout pulse
output 1A
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to VH1AX pin of vertical driver IC.
4VH1BX
O3
Readout pulse
output 1B
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to VH1BX pin of vertical driver IC.
5V2X
O3
Vertical transfer
pulse output 2
A vertical transfer pulse for CCD.
Connect to V2X pin of vertical driver IC.
6VDD3
–
Power supply
Supply of +3.3 V power.
A grounding pin.
Ground
–
GND
7–
9VH3AX
O3
Readout pulse
output 3A
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to VH3AX pin of vertical driver IC.
8V3X
O3
Vertical transfer
pulse output 3
A vertical transfer pulse for CCD.
Connect to V3X pin of vertical driver IC.
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to VH3BX pin of vertical driver IC.
Readout pulse
output 3B
O3
VH3BX
10
11
V4X
O3
Vertical transfer
pulse output 4
A vertical transfer pulse for CCD.
Connect to V4X pin of vertical driver IC.
A pulse that sweeps the charge of the photo-diode for
the electronic shutter. Connect to OFD pin of CCD
through the vertical driver IC and DC offset circuit.
Held at H level at normal mode.
OFD pulse output
O3
OFDX
12
13
PBLK
O3
Pre-blanking pulse
output
A pulse that corresponds to the cease period of the
horizontal transfer pulse.
A pulse to clamp the optical black signal.
This pulse stays high during the absence of
effective pixels within the vertical blanking or the period
of sweep-out signal.
Optical black clamp
pulse output
O3
BCPX
14
15
CLPX
O3
Clamp pulse output
A pulse to clamp the dummy outputs of CCD signal.
This pulse stays high during the sweep-out period.
An output pin for AD converter.
The output phase of ADCK is selected by serial data
step by 90˚.
AD clock output
O6MA3
ADCK
16
17
GND
–
Ground
A grounding pin.
–
–
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com