Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB60 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB60
Description  600V N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB60 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM2NB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSM2NB60
600V N-Channel Power MOSFET
6/10
Version: B11
TO-220 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-220 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
3.740
3.910
0.147
0.154
C
2.440
2.940
0.096
0.116
D
-
6.350
-
0.250
E
0.381
1.106
0.015
0.040
F
2.345
2.715
0.092
0.058
G
4.690
5.430
0.092
0.107
H
12.700
14.732
0.500
0.581
J
14.224
16.510
0.560
0.650
K
3.556
4.826
0.140
0.190
L
0.508
1.397
0.020
0.055
M
27.700
29.620
1.060
1.230
N
2.032
2.921
0.080
0.115
O
0.255
0.610
0.010
0.024
P
5.842
6.858
0.230
0.270



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com