Electronic Components Datasheet Search
  English  ▼

X  

TSM2NB60 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2NB60
Description  600V N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2NB60 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM2NB60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM2NB60 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TSM2NB60
600V N-Channel Power MOSFET
8/10
Version: B11
TO-251 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
TO-251 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.10
2.50
0.083
0.098
b
0.65
1.05
0.026
0.041
b1
0.58
0.62
0.023
0.024
b2
4.80
5.20
0.189
0.205
b3
0.68
0.72
0.027
0.028
C
0.35
0.65
0.014
0.026
C1
0.40
0.60
0.016
0.024
D
5.30
5.70
0.209
0.224
E
6.30
6.70
0.248
0.264
e
2.30 BSC
0.09 BSC
L
7.00
8.00
0.276
0.315
L1
1.40
1.80
0.055
0.071
L2
1.30
1.70
0.051
0.067
L3
0.50
0.90
0.020
0.035



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com