Electronic Components Datasheet Search
  English  ▼

X  

LT140 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT140
Description  Hall Voltage 160mV Thin-Type Package GaAs Hall Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT140 Datasheet(HTML) 1 Page - Sharp Corporation

  LT140 Datasheet HTML 1Page - Sharp Corporation LT140 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.
s Features
¡Small temperature coefficient of the Hall voltage
¡Good linearity of the Hall voltage
¡Small imbalanced voltage
¡Directly DC voltage applicable
s Applications
¡Brushless motors
VCR, CD, CD-ROM, FDD
¡Measuring equipment
Gauss meters, magnetic substance detectors
¡Noncontact sensors
Microswitches, tape-end detection
¡Other magnetic detection
s Outline Dimensions
(Unit : mm)
LT140SA
LT140SA
Hall Device
Terminal connection
1 :
VC Input
2 :
VH Output
3 :
VC Input
4 :
VH Output
0.3
0.3
0.6
0.3
0.3
14
23
Silver Mark
0.9
1.45
1.40
0.14
+0.1
-0.04
+
+
-
-
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
As for dimensions of tape-packaged products, refer to page 44 .
Control voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature*1
Symbol
VC
PD
Topr
Tstg
Tsol
Rating
12
150
-20 to +125
-55 to +150
260
Unit
V
mW
˚C
˚C
˚C
Parameter
*1 Soldering time:10 seconds
s Absolute Maximum Ratings
(Ta=25˚C)
Control current
IC
15
mA
s Electrical Characteristics
(Ta=25˚C)
No-load Hall voltage *1
Imbalanced ratio *2
Input resistance
Output resistance
Drift of imbalanced voltage vs. temperature
Temperature coefficient of Hall voltage
Temperature coefficient of input resistance
Linearity of Hall voltage
Symbol
VH
Rank A
Rank B
Rank C
RIN
ROUT
|
∆VHO|
β
α
γ
Conditions
VC=6V,B=100mT
VC=6V, (B=0)/(B=100mT)
IM=1mA, B=0mT
IM=1mA, B=0mT
VC=6V, B=0mT, Ta=-20˚C to 25˚C
VC=6V, B=0mT, Ta=25˚C to 125˚C
IC=6mA, B=100mT, T1=-20˚C, T2=125˚C
IM=1mA, B=0mT, T1=-20˚C, T2=125˚C
IC=6mA, B1=50mT, B2=100mT
MIN.
145
2
-5
-2
650
1 300
-
-
-
-
TYP.
160
-
-
-
800
1 600
5
-0.04
0.2
0.3
MAX.
175
12
5
-12
950
1 900
-
-
-
-
Unit
mV
%
Ω
Ω
mV
%/˚C
%/˚C
%
Parameter
*1 No-load Hall voltage is nearly proportional to Vc (within the range of 1 to 6V) at temperatures of -20˚C to + 125˚C.
Keep the voltage within the allowable power dissipation range.
*2 Imbalanced ratio is in +/-12% within the range of Vc=1 to 6V.
VH=VM-VHO
VM:Observed Hall voltage
VHO:Imbalanced voltage
KH:Sensitivity
α=
β=
1
VH(T1)
X
X100
{VH(T2)-VH(T1)}
(T2-T1)
XX100
1
RIN(T1)
{RIN(T2)-RIN(T1)}
(T2-T1)
X2X100,
γ= {KH(B2)-KH(B1)}
{KH(B1)+KH(B2)}
KH=
VH
(ICXB)
VHO/VH


Similar Part No. - LT140

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT140 SHARP-LT140 Datasheet
23Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140A SHARP-LT140A Datasheet
23Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
logo
Seoul Semiconductor
LT140Z SEOUL-LT140Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LT140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
OH017 PANASONIC-OH017 Datasheet
25Kb / 2P
GaAs hall element
OH023 PANASONIC-OH023 Datasheet
26Kb / 2P
GaAs hall element
OH10003 PANASONIC-OH10003 Datasheet
48Kb / 2P
GaAs Hall Device
OH10004 PANASONIC-OH10004 Datasheet
46Kb / 2P
GaAs Hall Device
OH10008 PANASONIC-OH10008 Datasheet
44Kb / 2P
GaAs Hall Device
OH10009 PANASONIC-OH10009 Datasheet
45Kb / 2P
GaAs Hall Device
OH10010 PANASONIC-OH10010 Datasheet
45Kb / 2P
GaAs Hall Device
logo
Sharp Corporation
LT120A SHARP-LT120A Datasheet
22Kb / 2P
Hall Voltage 160mV GaAs Hall Device
LT135A SHARP-LT135A Datasheet
22Kb / 2P
Hall Voltage 240mV GaAs Hall Device
LT140A SHARP-LT140A Datasheet
23Kb / 2P
Hall Voltage 160mV Thin-Type Package GaAs Hall Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com