Electronic Components Datasheet Search
  English  ▼

X  

LT140 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LT140
Description  Hall Voltage 160mV Thin-Type Package GaAs Hall Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT140 Datasheet(HTML) 2 Page - Sharp Corporation

  LT140 Datasheet HTML 1Page - Sharp Corporation LT140 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 1
Hall Voltage vs. Ambient
Temperature
Fig. 2
Input Resistance vs. Ambient
Temperature
Fig. 6
Power Dissipation vs. Ambient
Temperature
Fig. 5
Hall Voltage vs. Control Voltage
Fig. 3
Hall Voltage vs. Magnetic Flux
Density
Fig. 4
Hall Voltage vs. Control Current
Hall Device
B=0mT
IM=1mA
0
-20
0
80
40
120
2 000
1 600
1 200
800
400
Ambient temperature Ta (˚C)
B=100mT
Ta=25˚C
0
08
412
400
320
240
160
80
Control current IC (mA)
VC=6V
Ta=25˚C
0
0
800
400
200
600
1 000
2 000
1 600
1 200
800
400
Magnetic flux density B (mT)
0
080
40
120
160
200
200
160
120
80
40
Ambient temperature Ta (˚C)
LT140SA
B=100mT
0
-20
0
80
40
120
200
160
120
80
40
Ambient temperature Ta (˚C)
VC=6V
IC=6mA
B=100mT
Ta=25˚C
0
08
412
400
320
240
160
80
Control voltage VC (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com