Electronic Components Datasheet Search
  English  ▼

X  

UGF8J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF8J
Description  Isolated 8.0 Amps Glass Passivated Super Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF8J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF8J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF8J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (UGF8J)
Version:B10
Fig.1 Maximum Forward Current Derating Curve
0
2
4
6
8
10
0
25
50
75
100
125
150
175
Lead Temperature (℃)
Fig. 2 Maximum Forward Surge Current
0
10
20
30
40
50
60
70
80
1
10
100
Number of Cycles at 60 Hz
8.3ms Single Half
Sine Wave
Fig. 4 Typical Reverse Characteristics
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent Of Rated Peak Reverse Voltage.(%)
Ta=25℃
Ta=125℃
Fig. 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
Fig. 3 Typical Forward Characteristics
0.1
1
10
0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5 1.6
Forward Voltage (V)
Ta=125℃
Ta=25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com