Electronic Components Datasheet Search
  English  ▼

X  

UGF8J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF8J
Description  Isolated 8.0 Amps Glass Passivated Super Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF8J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF8J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF8J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High efficiency, low VF
High current capability
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
VF
V
IR
uA
Trr
nS
Trr
nS
RθJC
OC/W
TJ
OC
TSTG
OC
Note2: Reverse Recovery Time Test Conditions: IF=1.0A, dI/dt=50A/us, VR=30V, IRR=0.1RM
Note3: Mount on Heatsink size 2" X 3" X 0.25" Al-Plate
High surge current capability
Features
High reliabiity
Low power loss
Max Reverse Recovery Time(Note 1)
Maximum Average Forward Rectified Current
Typical Thermal Resistance (Note 3)
Maximum Instantaneous Forward Voltage
(Pulse test: tp=300us, δ < 1%)
@ 8.0A / Ta=25℃
@ 8.0A / Ta=125℃
-55 to + 150
Operating Temperature Range
Storage Temperature Range
5.5
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeters)
UGF8J
ITO-220AC
Glass Passivated Super Fast Rectifier
Isolated 8.0 Amps
Mechanical Data
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Case : ITO-220AC
Maximum Reverse Current (Pulse test: tp=300us, δ < 1%)
Ta=25 ℃
Ta=125 ℃
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load
600
Parameter
8
65
UGF8J
420
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Polarity: As marked
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Epoxy :UL 94V-0 rate flame retardant
Weight: 2.24 grams
High temperature soldering guaranteed:
260℃/10 seconds. 16",(4.06mm) from case.
Version:B10
600
2.90
2.00
30.0
200
-55 to + 150
Note1: Reverse Recovery Time Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Max Reverse Recovery Time(Note 2)
50
25
Maximum DC blocking voltage
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - UGF8J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
UGF8J LUGUANG-UGF8J Datasheet
197Kb / 2P
Glass Passivated Super Fast Rectifier Isolated 8.0 Amps
logo
Taiwan Semiconductor Co...
UGF8J TSC-UGF8J Datasheet
174Kb / 3P
8.0 AMPS Isolated Ultra Fast Rectifier
logo
Vishay Siliconix
UGF8JCT VISHAY-UGF8JCT Datasheet
69Kb / 3P
Dual Ultrafast Plastic Rectifier Series
03-Jul-02
UGF8JCT VISHAY-UGF8JCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
09-Nov-07
UGF8JCT-E3 VISHAY-UGF8JCT-E3 Datasheet
155Kb / 5P
Dual Common Cathode Ultrafast Plastic Rectifier
24-Feb-16
More results

Similar Description - UGF8J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF801G TSC-SF801G Datasheet
95Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G Datasheet
55Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAS801G TSC-SFAS801G Datasheet
87Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
MUR820 TSC-MUR820_1 Datasheet
245Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SF801G TSC-SF801G_1 Datasheet
344Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFA801G TSC-SFA801G_1 Datasheet
262Kb / 2P
8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_1 Datasheet
275Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_10 Datasheet
648Kb / 2P
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers
UGF5J TSC-UGF5J Datasheet
163Kb / 2P
Isolated 5.0 Amps Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
UGF8J LUGUANG-UGF8J Datasheet
197Kb / 2P
Glass Passivated Super Fast Rectifier Isolated 8.0 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com