Electronic Components Datasheet Search
  English  ▼

X  

STP1612PW05 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP1612PW05 Datasheet HTML 3Page - STMicroelectronics STP1612PW05 Datasheet HTML 4Page - STMicroelectronics STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics STP1612PW05 Datasheet HTML 10Page - STMicroelectronics STP1612PW05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
STP1612PW05
Electrical ratings
Doc ID 15819 Rev 4
7/35
3
Electrical ratings
3.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 5 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
3.2
Thermal data
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VO
Output voltage
-0.5 to 20
V
IO
Output current
60
mA
VI
Input voltage
-0.4 to VDD
V
IGND
GND terminal current
1300
mA
fCLK
Clock frequency
50
MHz
TJ
Junction temperature range (1)
1.
Such absolute value is based on the thermal shutdown protection.
-40 to + 170
°C
Table 6.
Thermal data
Symbol
Parameter
Value
Unit
TA
Operating free-air temperature range
-40 to +125
°C
TJ-OPR
Operating thermal junction temperature range
-40 to +150
°C
TSTG
Storage temperature range
-55 to +150
°C
RthJA
Thermal resistance junction-
ambient (1)
1.
According to Jedec standard 51-7B
SO-24
42.7
°C/W
TSSOP24
55
°C/W
TSSOP24(2)
Exposed pad
2.
The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
37.5
°C/W
QFN-24
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com