Electronic Components Datasheet Search
  English  ▼

X  

STP1612PW05 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP1612PW05
Description  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 Datasheet(HTML) 5 Page - STMicroelectronics

  STP1612PW05 Datasheet HTML 1Page - STMicroelectronics STP1612PW05 Datasheet HTML 2Page - STMicroelectronics STP1612PW05 Datasheet HTML 3Page - STMicroelectronics STP1612PW05 Datasheet HTML 4Page - STMicroelectronics STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
STP1612PW05
Summary description
Doc ID 15819 Rev 4
5/35
2
Summary description
Table 2.
Typical current accuracy at 5 V
Output voltage
Current accuracy
Output current
VDD
temp.
Between bits
Between ICs
≥ 1.0
± 1.5%
± 6%
15 to 60
5 V
25 °C
≥ 0,2
± 1.5%
± 6%
3 to 15
Table 3.
Typical current accuracy at 3.3 V
Output voltage
Current accuracy
Output current
VDD
temp.
Between bits
Between ICs
≥ 1.0
± 1.5%
± 6%
15 to 60
3.3 V
25 °C
≥ 0,3
± 1.5%
± 6%
3 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com