Electronic Components Datasheet Search
  English  ▼

X  

LZ0P3621 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LZ0P3621
Description  1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ0P3621 Datasheet(HTML) 2 Page - Sharp Corporation

  LZ0P3621 Datasheet HTML 1Page - Sharp Corporation LZ0P3621 Datasheet HTML 2Page - Sharp Corporation LZ0P3621 Datasheet HTML 3Page - Sharp Corporation LZ0P3621 Datasheet HTML 4Page - Sharp Corporation LZ0P3621 Datasheet HTML 5Page - Sharp Corporation LZ0P3621 Datasheet HTML 6Page - Sharp Corporation LZ0P3621 Datasheet HTML 7Page - Sharp Corporation LZ0P3621 Datasheet HTML 8Page - Sharp Corporation LZ0P3621 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LZ0P3620/3621/3622/3625
2
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
SYMBOL
PIN NAME
OD
Output transistor drain
OS
Output signals
ØRS
Reset transistor clock
ØV1, ØV2, ØV3, ØV4
Vertical shift register clock
ØH1, ØH2
Horizontal shift register clock
OFD
Overflow drain
PW
P-well
GND
Ground
NC1, NC2
No connection
PARAMETER
SYMBOL
RATING
UNIT
Output transistor drain voltage
VOD
0 to +18
V
Overflow drain voltage
VOFD
Internal output
V
Reset gate clock voltage
VØRS
Internal output
V
Vertical shift register clock voltage
VØV
–10.5 to +17.5
V
Horizontal shift register clock voltage
VØH
–0.3 to +12
V
Voltage difference between P-well and vertical clock
VPW-VØV
–28 to 0
V
Voltage difference between vertical clocks
VØV-VØV
0 to +15
V
–20 to +70
˚C
Storage temperature
TSTG
–10 to +60
˚C
Ambient operating temperature
TOPR
3
2
1
NOTE
NOTES :
1. Do not connect to DC voltage directly. When OFD is connected to GND, connect VOD to GND. Overflow drain clock is
applied below 26 Vp-p.
2. Do not connect to DC voltage directly. When ØRS is connected to GND, connect VOD to GND. Reset gate clock is
applied below 8 Vp-p.
3. When clock width is below 10 µs, and clock duty factor is below 0.1%, voltage difference between vertical clocks will be
below 27 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com