Electronic Components Datasheet Search
  English  ▼

X  

LZ0P3621 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LZ0P3621
Description  1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ0P3621 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LZ0P3621 Datasheet HTML 2Page - Sharp Corporation LZ0P3621 Datasheet HTML 3Page - Sharp Corporation LZ0P3621 Datasheet HTML 4Page - Sharp Corporation LZ0P3621 Datasheet HTML 5Page - Sharp Corporation LZ0P3621 Datasheet HTML 6Page - Sharp Corporation LZ0P3621 Datasheet HTML 7Page - Sharp Corporation LZ0P3621 Datasheet HTML 8Page - Sharp Corporation LZ0P3621 Datasheet HTML 9Page - Sharp Corporation LZ0P3621 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LZ0P3620/3621/3622/3625
6
CHARACTERISTICS FOR LZ0P3622∫ (Drive method : Field accumulation)
(TA : +25 ˚C, Operating conditions : The typical values specified in "RECOMMENDED OPERATING CONDITIONS".
Color temperature of light source : 3 200 K)
LENS SPECIFICATION FOR LZ0P3622∫
NOTES :
1. The average output voltage in the central area (H/10,
V/10) under uniform illumination.
The standard exposure conditions are defined as when
VO is 150 mV.
2. The average output voltage in the central area (H/10,
V/10) under 10 times exposure of the standard exposure
conditions.
3. The average output voltage in the central area (H/10,
V/10) when a 1 000 lux light source with a white board
of 90% reflector is imaged.
4. The resolution in the central area (H/10, V/10) at which
the image of the TV resolution chart (ex. EIAJ test chart)
can be distinguished on the B/W video monitor.
5. The resolution in the peripheral area (image height : Y =
0.8) under the conditions mentioned above.
6. Defined by the following formula at the brightness of
standard output voltage : (Vco/Vce) x 100 [%]
Vco : Output voltage at edge of the image (at video output).
Vce : Output voltage at center of the image (at video output).
7. The difference between the center position of image and
that of the monitor. This is the ratio for the horizontal
underscanning monitor size which includes the decentering
eccentricity when turning the lens head one time.
PARAMETER
SYMBOL
Standard output voltage
VO
Saturation output voltage
VSAT
700
MIN.
TYP.
150
450
350
R
Sensitivity
3
2
1
NOTE
mV
mV
mV
UNIT
MAX.
8.0
mA
Output transistor drain current
IOD
4.0
%6
Shading
50
TV line
4
Resolution (at center)
250
300
PARAMETER
SPECIFICATION
Construction
2 pcs. (non-spherical, plastic)
Focal length
3.0 mm [TYP. : reference]
NOTE
2.8±5%
F No.
Focus adjustment range
∞ to 10 cm
2
TV distortion
≤ –1.0%
1
Viewing angle
H : 62˚, V : 49˚, Diagonal : 74˚ [TYP. : reference]
NOTES :
1. TV distortion is defined by the formula, (∆y/y) x 100 [%]
at capturing rectangular pattern sized horizontal by
vertical as 4 by 3.
"y" is defined as the vertical height of the center of the
horizontal line.
∆y is defined as the difference between the vertical height
of the center of the horizontal line and an edge of it.
2. The best focus point of an object can be obtained by
turning the lens head within this range.
3. Torques which are necessary for turning the lens.
* Be careful not to remove the lens head by turning it
counterclockwise too much when adjusting macro.
y
∆y
200
150
Resolution (at corner)
5
TV line
Difference of center position
7
%
±10
3
0.00005 to 0.001 N·m
Torque of focusing
∫Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com