Electronic Components Datasheet Search
  English  ▼

X  

LPC11CX2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC11CX2
Description  32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11CX2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC11CX2 Datasheet HTML 17Page - NXP Semiconductors LPC11CX2 Datasheet HTML 18Page - NXP Semiconductors LPC11CX2 Datasheet HTML 19Page - NXP Semiconductors LPC11CX2 Datasheet HTML 20Page - NXP Semiconductors LPC11CX2 Datasheet HTML 21Page - NXP Semiconductors LPC11CX2 Datasheet HTML 22Page - NXP Semiconductors LPC11CX2 Datasheet HTML 23Page - NXP Semiconductors LPC11CX2 Datasheet HTML 24Page - NXP Semiconductors LPC11CX2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
LPC11CX2_CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 27 June 2011
21 of 62
NXP Semiconductors
LPC11Cx2/Cx4
32-bit ARM Cortex-M0 microcontroller
7.11.2.6
Time-out function
A ‘TXD dominant time-out’ timer is started when the CAN_TXD signal of the C_CAN
controller is set LOW. If the LOW state on the CAN_TXD signal persists for longer than
tto(dom)TXD, the transmitter is disabled, releasing the bus lines to recessive state. This
function prevents a hardware and/or software application failure from driving the bus lines
to a permanent dominant state (blocking all network communications). The TXD dominant
time-out timer is reset when the CAN_TXD signal is set HIGH. The TXD dominant
time-out time also defines the minimum possible bit rate of 40 kbit/s.
7.12 10-bit ADC
The LPC11Cx2/Cx4 contains one ADC. The ADC is a single 10-bit successive
approximation ADC with eight channels.
7.12.1 Features
• 10-bit successive approximation ADC.
• Input multiplexing among 8 pins.
• Power-down mode.
• Measurement range 0 V to VDD.
• 10-bit conversion time  2.44 s (up to 400 kSamples/s).
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or timer match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
7.13 General purpose external event counter/timers
The LPC11Cx2/Cx4 includes two 32-bit counter/timers and two 16-bit counter/timers. The
counter/timer is designed to count cycles of the system derived clock. It can optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. Each counter/timer also includes one capture input to trap the timer value
when an input signal transitions, optionally generating an interrupt.
7.13.1 Features
• A 32-bit/16-bit timer/counter with a programmable 32-bit/16-bit prescaler.
• Counter or timer operation.
• One capture channel per timer, that can take a snapshot of the timer value when an
input signal transitions. A capture event may also generate an interrupt.
• Four match registers per timer that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Up to four external outputs corresponding to match registers, with the following
capabilities:
– Set LOW on match.
– Set HIGH on match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com