Electronic Components Datasheet Search
  English  ▼

X  

LPC11CX2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC11CX2
Description  32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11CX2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC11CX2 Datasheet HTML 9Page - NXP Semiconductors LPC11CX2 Datasheet HTML 10Page - NXP Semiconductors LPC11CX2 Datasheet HTML 11Page - NXP Semiconductors LPC11CX2 Datasheet HTML 12Page - NXP Semiconductors LPC11CX2 Datasheet HTML 13Page - NXP Semiconductors LPC11CX2 Datasheet HTML 14Page - NXP Semiconductors LPC11CX2 Datasheet HTML 15Page - NXP Semiconductors LPC11CX2 Datasheet HTML 16Page - NXP Semiconductors LPC11CX2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
LPC11CX2_CX4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 27 June 2011
13 of 62
NXP Semiconductors
LPC11Cx2/Cx4
32-bit ARM Cortex-M0 microcontroller
PIO1_11/AD7
42[5]
no
I/O
I; PU
PIO1_11 — General purpose digital input/output pin.
I-
AD7 — A/D converter, input 7.
PIO2_0 to PIO2_11
Port 2 — Port 2 is a 12-bit I/O port with individual direction and
function controls for each bit. The operation of port 2 pins depends
on the function selected through the IOCONFIG register block.
PIO2_0/DTR/
SSEL1
2[3]
no
I/O
I; PU
PIO2_0 — General purpose digital input/output pin.
I/O
-
DTR — Data Terminal Ready output for UART.
I/O
-
SSEL1 — Slave Select for SPI1.
PIO2_1/DSR/SCK1
13[3]
no
I/O
I; PU
PIO2_1 — General purpose digital input/output pin.
I-
DSR — Data Set Ready input for UART.
I/O
-
SCK1 — Serial clock for SPI1.
PIO2_2/DCD/
MISO1
26[3]
no
I/O
I; PU
PIO2_2 — General purpose digital input/output pin.
I-
DCD — Data Carrier Detect input for UART.
I/O
-
MISO1 — Master In Slave Out for SPI1.
PIO2_3/RI/MOSI1
38[3]
no
I/O
I; PU
PIO2_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART.
I/O
-
MOSI1 — Master Out Slave In for SPI1.
PIO2_6
1[3]
no
I/O
I; PU
PIO2_6 — General purpose digital input/output pin.
PIO2_7
11[3]
no
I/O
I; PU
PIO2_7 — General purpose digital input/output pin.
PIO2_8
12[3]
no
I/O
I; PU
PIO2_8 — General purpose digital input/output pin.
PIO2_10
25[3]
no
I/O
I; PU
PIO2_10 — General purpose digital input/output pin.
PIO2_11/SCK0
31[3]
no
I/O
I; PU
PIO2_11 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
PIO3_0 to PIO3_3
Port 3 — Port 3 is a 12-bit I/O port with individual direction and
function controls for each bit. The operation of port 3 pins depends
on the function selected through the IOCONFIG register block. Pins
PIO3_4 to PIO3_11 are not available.
PIO3_0/DTR
36[3]
no
I/O
I; PU
PIO3_0 — General purpose digital input/output pin.
O-
DTR — Data Terminal Ready output for UART.
PIO3_1/DSR
37[3]
no
I/O
I; PU
PIO3_1 — General purpose digital input/output pin.
I-
DSR — Data Set Ready input for UART.
PIO3_2/DCD
43[3]
no
I/O
I; PU
PIO3_2 — General purpose digital input/output pin.
I
DCD — Data Carrier Detect input for UART.
PIO3_3/RI
48[3]
no
I/O
I; PU
PIO3_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART.
CANL
18
no
I/O
-
LOW-level CAN bus line.
CANH
19
no
I/O
-
HIGH-level CAN bus line.
STB
22
no
I
-
Silent mode control input for CAN transceiver (LOW = Normal mode,
HIGH = silent mode).
VDD_CAN
17
-
-
-
Supply voltage for I/O level of CAN transceiver.
VCC
20
-
-
-
Supply voltage for CAN transceiver.
Table 4.
LPC11C22/C24 pin description table
Symbol
Pin
Start
logic
inputs
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com