Electronic Components Datasheet Search
  English  ▼

X  

LZ2413 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LZ2413
Description  1/4-type Color CCD Area Sensors with 270 k Pixels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2413 Datasheet(HTML) 4 Page - Sharp Corporation

  LZ2413 Datasheet HTML 1Page - Sharp Corporation LZ2413 Datasheet HTML 2Page - Sharp Corporation LZ2413 Datasheet HTML 3Page - Sharp Corporation LZ2413 Datasheet HTML 4Page - Sharp Corporation LZ2413 Datasheet HTML 5Page - Sharp Corporation LZ2413 Datasheet HTML 6Page - Sharp Corporation LZ2413 Datasheet HTML 7Page - Sharp Corporation LZ2413 Datasheet HTML 8Page - Sharp Corporation LZ2413 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LZ2413H
4
CHARACTERISTICS (Drive method : Field accumulation)
(TA = +25 ˚C, Operating conditions : The typical values specified in "RECOMMENDED OPERATING CONDITIONS".
Color temperature of light source : 3 200 K, IR cut-off filter (CM-500, 1 mmt) is used.)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Standard output voltage
VO
150
mV
2
Photo response non-uniformity
PRNU
15
%
3
Saturation output voltage
VSAT
700
mV
4
Dark output voltage
VDARK
0.5
3.0
mV
1, 5
Dark signal non-uniformity
DSNU
0.5
2.0
mV
1, 6
Sensitivity
R
410
550
mV
7
Smear ratio
SMR
–90
–80
dB
8
Image lag
AI
1.0
%
9
Blooming suppression ratio
ABL
1 000
10
Output transistor drain current
IOD
4.0
8.0
mA
Output impedance
RO
350
$
Vector breakup
7.0
˚, %
11
Line crawling
3.0
%
12
Luminance flicker
2.0
%
13
NOTES :
• Within the recommended operating conditions of VOD,
VOFD of the internal output satisfies with ABL larger than
1 000 times exposure of the standard exposure conditions,
and VSAT larger than 700 mV.
1. TA = +60 ˚C
2. The average output voltage under uniform illumination.
The standard exposure conditions are defined as when
Vo is 150 mV.
3. The image area is divided into 10 x 10 segments under
the standard exposure conditions. Each segment's
voltage is the average output voltage of all pixels within
the segment. PRNU is defined by (Vmax – Vmin)/Vo,
where Vmax and Vmin are the maximum and minimum
values of each segment's voltage respectively.
4. The image area is divided into 10 x 10 segments. Each
segment's voltage is the average output voltage of all
pixels within the segment. VSAT is the minimum
segment's voltage under 10 times exposure of the
standard exposure conditions.
5. The average output voltage under non-exposure
conditions.
6. The image area is divided into 10 x 10 segments under
non-exposure conditions. DSNU is defined by (Vdmax –
Vdmin), where Vdmax and Vdmin are the maximum and
minimum values of each segment's voltage respectively.
7. The average output voltage when a 1 000 lux light
source with a 90% reflector is imaged by a lens of F4,
f50 mm.
8. The sensor is exposed only in the central area of V/10
square with a lens at F4, where V is the vertical image
size. SMR is defined by the ratio of the output voltage
detected during the vertical blanking period to the
maximum output voltage in the V/10 square.
9. The
sensor
is
exposed
at
the
exposure
level
corresponding to the standard conditions. AI is defined
by the ratio of the output voltage measured at the 1st
field during the non-exposure period to the standard
output voltage.
10. The sensor is exposed only in the central area of V/10
square, where V is the vertical image size. ABL is
defined by the ratio of the exposure at the standard
conditions to the exposure at a point where blooming is
observed.
11. Observed with a vector scope when the color bar chart
is imaged under the standard exposure conditions.
12. The difference between the average output voltage of the
(Mg + Ye), (G + Cy) line and that of the (Mg + Cy), (G +
Ye) line under the standard exposure conditions.
13. The difference between the average output voltage of
the odd field and that of the even field under the
standard exposure conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com