Electronic Components Datasheet Search
  English  ▼

X  

LPC1810 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LPC1810
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1810 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LPC1810 Datasheet HTML 82Page - NXP Semiconductors LPC1810 Datasheet HTML 83Page - NXP Semiconductors LPC1810 Datasheet HTML 84Page - NXP Semiconductors LPC1810 Datasheet HTML 85Page - NXP Semiconductors LPC1810 Datasheet HTML 86Page - NXP Semiconductors LPC1810 Datasheet HTML 87Page - NXP Semiconductors LPC1810 Datasheet HTML 88Page - NXP Semiconductors LPC1810 Datasheet HTML 89Page - NXP Semiconductors LPC1810 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
86 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
Digital pins - RESET pin
VIH
HIGH-level input
voltage
[8] 0.8
 (V
ps
0.35)
-5.5
V
VIL
LOW-level input voltage
[8]
0.5
-
0.3
 (V
ps
0.1)
V
Vhys
hysteresis voltage
[8] 0.05
 (V
ps
 0.35)
--V
Digital pins - normal drive strength
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
--<tbd>
A
IIH
HIGH-level input
current
VI =VDD(IO); on-chip
pull-down resistor
disabled
--<tbd>
A
IOZ
OFF-state output
current
VO =0V; VO =VDD(IO);
on-chip pull-up/down
resistors disabled
--<tbd>
A
VI
input voltage
pin configured to provide
a digital function
[10]
0.5
-
<tbd>
V
VO
output voltage
output active
<tbd>
-
VDD(IO)
V
VIH
HIGH-level input
voltage
2.0
-
5.5
V
VIL
LOW-level input voltage
0.5
-
0.8
V
Vhys
hysteresis voltage
0.1VDD(IO)
--V
VOH
HIGH-level output
voltage
IOH = 6 mA
VDD(IO)
0.4
--V
VOL
LOW-level output
voltage
IOL = 6 mA
--0.4
V
IOH
HIGH-level output
current
VOH =VDD(IO)  0.4 V
6
--mA
IOL
LOW-level output
current
VOL = 0.4 V
6
--mA
IOHS
HIGH-level short-circuit
output current
drive HIGH; connected to
ground
[11] --35
mA
IOLS
LOW-level short-circuit
output current
drive LOW; connected to
VDD(IO)
[11] --30
mA
Ipd
pull-down current
VI =VDD(IO)
<tbd>
<tbd>
<tbd>
A
Ipu
pull-up current
VI = 0 V
<tbd>
<tbd>
<tbd>
A
VDD(IO) <VI < 3.6 V
<tbd>
<tbd>
<tbd>
A
Rpu(weak)
weak pull-up resistance VI = 0 V
4550
65k
Rpd(weak)
weak pull-down
resistance
VI =VDD(IO)
45
50
65
k
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com