Electronic Components Datasheet Search
  English  ▼

X  

LPC1810 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # LPC1810
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1810 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button LPC1810 Datasheet HTML 85Page - NXP Semiconductors LPC1810 Datasheet HTML 86Page - NXP Semiconductors LPC1810 Datasheet HTML 87Page - NXP Semiconductors LPC1810 Datasheet HTML 88Page - NXP Semiconductors LPC1810 Datasheet HTML 89Page - NXP Semiconductors LPC1810 Datasheet HTML 90Page - NXP Semiconductors LPC1810 Datasheet HTML 91Page - NXP Semiconductors LPC1810 Datasheet HTML 92Page - NXP Semiconductors LPC1810 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
89 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
The RTC typically fails when VBAT drops below 2.2 V and VDD(REG)(3V3) is less than 2.2 V.
[3]
VDD(REG)(3V3) = 3.3 V; Tamb =25 C for all power consumption measurements. Applies to parts LPC1850/30/20/10 Rev ‘-’ only.
[4]
Conditions <tbd>.
[5]
On pin VBAT; IDD(REG)(3V3) = <tbd> nA; VDD(REG)(3V3) = 3.3 V; VBAT < VDD(REG)(3V3); Tamb =25 C.
[6]
On pin VBAT; VBAT = 3.3 V; Tamb =25 C.
[7]
All internal pull-ups disabled. All pins configured as output and driven LOW. VDD(3V3) = 3.3 V; Tamb =25 C.
[8]
Vps corresponds to the output of the power switch (see Figure 11) which is determined by the greater of VBAT and VDD(Reg)(3V3).
[9]
VDDA(3V3) = 3.3 V; Tamb =25 C.
[10] VDD(IO) supply voltage must be present.
[11] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[12] To VSS.
10.1 Power consumption
Remark: All power consumption data in this section apply to Rev ‘-’ of the
LPC1850/30/20/10 parts only.
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0.5
-
1.2
V
Vo(XTAL2)
output voltage on pin
XTAL2
0.5
-
1.2
V
USB pins
VIC
common-mode input
voltage
high-speed mode
<tbd>
<tbd>
<tbd>
mV
full-speed/low-speed
mode
<tbd>
-
<tbd>
mV
chirp mode
<tbd>
-
<tbd>
mV
Vi(dif)
differential input voltage
<tbd>
<tbd>
<tbd>
mV
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com