Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4310 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 47Page - NXP Semiconductors LPC4310 Datasheet HTML 48Page - NXP Semiconductors LPC4310 Datasheet HTML 49Page - NXP Semiconductors LPC4310 Datasheet HTML 50Page - NXP Semiconductors LPC4310 Datasheet HTML 51Page - NXP Semiconductors LPC4310 Datasheet HTML 52Page - NXP Semiconductors LPC4310 Datasheet HTML 53Page - NXP Semiconductors LPC4310 Datasheet HTML 54Page - NXP Semiconductors LPC4310 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
51 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PD_14
R13
x
-
99
-
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
O
EMC_DYCS2 — SDRAM chip select 2.
-
R — Function reserved.
I/O
GPIO6[28] — General purpose digital input/output
pin.
-
R — Function reserved.
O
CTOUT_11 — SCT output 11. Match output 3 of
timer 2.
-
R — Function reserved.
PD_15
T15
x
-
101 -
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
I/O
EMC_A17 — External memory address line 17.
-
R — Function reserved.
I/O
GPIO6[29] — General purpose digital input/output
pin.
I
SD_WP — SD/MMC card write protect input.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
-
R — Function reserved.
PD_16
R14
x
-
104 -
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
I/O
EMC_A16 — External memory address line 16.
-
R — Function reserved.
I/O
GPIO6[30] — General purpose digital input/output
pin.
O
SD_VOLT2 — SD/MMC bus voltage select output 2.
O
CTOUT_12 — SCT output 12. Match output 0 of
timer 3.
-
R — Function reserved.
PE_0
P14
x
-
106 -
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
EMC_A18 — External memory address line 18.
I/O
GPIO7[0] — General purpose digital input/output pin.
O
CAN1_TD — CAN1 transmitter output.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com