Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 141 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4310 Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 137Page - NXP Semiconductors LPC4310 Datasheet HTML 138Page - NXP Semiconductors LPC4310 Datasheet HTML 139Page - NXP Semiconductors LPC4310 Datasheet HTML 140Page - NXP Semiconductors LPC4310 Datasheet HTML 141Page - NXP Semiconductors LPC4310 Datasheet HTML 142Page - NXP Semiconductors LPC4310 Datasheet HTML 143Page - NXP Semiconductors LPC4310 Datasheet HTML 144Page - NXP Semiconductors LPC4310 Datasheet HTML 145Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 141 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
141 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
17. Revision history
Table 30.
Revision history
Document ID
Release date Data sheet status
Change notice
Supersedes
LPC4350_30_20_10 v.2.1
20110923
Objective data sheet
LPC4350_30_20_10 v.2
Modifications:
• LQFP100 package added in Table 3.
• Pin P2_7 designated as ISP entry pin.
• Boot pins corrected in Table 3 and Table 5: Pin P2_7 replaced by pin
P2_9 as boot pin. Pin level corrected for 4th boot pin (pin P2_9) in
Table 5.
• USART3 boot mode added in Table 5.
• Description of ISP mode added (Section 7.11).
• VI updated for I/O pins (see Table 6).
• Table 2 updated.
• Pin description of Pin P2_2 updated: Function CTOUT_6 changed to
CTIN_6.
• Pin description of Pin PF_9 updated: Function SGPIO7 changed to
SGPIO3.
• LQFP208 package added in Table 3.
• SPIFI memory added in Figure 9.
• AHB multilayer matrix connections updated in Figure 8.
• Pin P7_2, column LQFP144: replaced 113 by 115 in Table 3.
LPC4350_30_20_10 v.2
20110714
Objective data sheet
LPC4350_30_20_10 v.1
LPC4350_30_20_10 v.1
20101029
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com