Electronic Components Datasheet Search
  English  ▼

X  

RA501 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # RA501
Description  50.0 Amp Standard Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA501 Datasheet(HTML) 2 Page - Micro Commercial Components

  RA501 Datasheet HTML 1Page - Micro Commercial Components RA501 Datasheet HTML 2Page - Micro Commercial Components RA501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RA501 thru RA507
RATINGS AND CHARACTERISTIC CURVES
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.6
0.4
0.2
1
6
4
2
10
60
40
20
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
5
2
10
20
50
100
50
100
500
1000
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.6
1.0
1.4
1.8
2.2
2.6
0.1
1.0
10
100
1000
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
0
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
500
50
100
1000
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
7
5
100
125
150
200
175
0
10
30
20
40
50
60
70
CASE TEMPERATURE. ( C)
o
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
M C C
Revision: 5
2008/06/24
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com