Electronic Components Datasheet Search
  English  ▼

X  

RA501 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RA501
Description  50.0 Amp Standard Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA501 Datasheet(HTML) 1 Page - Micro Commercial Components

  RA501 Datasheet HTML 1Page - Micro Commercial Components RA501 Datasheet HTML 2Page - Micro Commercial Components RA501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RA
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.380
.410
9.70 10.40
B
.165
.185
4.19
4.70
C
.215
.225
5.50
5.70
D
.235
.250
6.00
6.40
E
-----
5
o
-----
5
o
NOM
Case Material: Molded Plastic. UL Flammability
Classification 94V-0 and MSL Rating 1
Low Cost Construction Utilizing Void-free Molded Plastic
Technique
High Surge Capability
Diffused Junction
RA502
100V
70V
100V
RA503
200V
140V
200V
RA504
400V
280V
400V
RA505
600V
420V
600V
RA506
800V
560V
800V
RA507
1000V
700V
1000V
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
50.0A
TC=125
o C
Peak Forward Surge
Current
IFSM
500A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM=50.0A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TC=25
o C
Typical Reverse
Recovery Times
trr
3.0us
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C j
300pF
Measured at
1.0MHz,
V R=4.0V
RA501
THRU
50.0 Amp Standard
Rectifier
50 to 1000 Volts
A
B
C
D
E
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 5
2008/06/24
TM
Micro Commercial Components
RA501
50V
35V
50V
Maximum Ratings
Operating & Storage Temperature: -55
oC to +150oC
For Capacitive Load, Derate Current by 20%
Features
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
www.mccsemi.com
1 of 3
RA507
MCC Part
Number


Similar Part No. - RA501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA501 MCC-RA501 Datasheet
101Kb / 2P
50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
RA501GP MCC-RA501GP Datasheet
119Kb / 2P
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
RA501GP MCC-RA501GP Datasheet
109Kb / 3P
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
RA501GP MCC-RA501GP_08 Datasheet
109Kb / 3P
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
logo
Okaya Electric America,...
RA501PMC6 OKAYA-RA501PMC6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
More results

Similar Description - RA501

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GL34A MCC-GL34A Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
RA501 MCC-RA501 Datasheet
101Kb / 2P
50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
RA501GP MCC-RA501GP Datasheet
119Kb / 2P
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
RA251 MCC-RA251_08 Datasheet
109Kb / 3P
25 Amp Standard Rectifier 50 to 1000 Volts
RA501GP MCC-RA501GP_08 Datasheet
109Kb / 3P
50.0 Amp High Current Glass Passivated Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com